Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0630 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL0630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0630 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL0630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL0630 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
group of optocouplers which are
operating under the same
conditions (i.e., the same drive
current, supply voltage, output
load, and operating tempera-
ture). As illustrated in Figure
17, if the inputs of a group of
optocouplers are switched either
ON or OFF at the same time,
tPSK is the difference between
the shortest propagation delay,
either tPHL or tPHL, and the
longest propagation delay,
either tPLH or tPHL.
As mentioned earlier, tPSK can
determine the maximum
parallel data transmission rate.
Figure 18 is the timing diagram
of a typical parallel data
application with both the clock
and the data lines being sent
through optocouplers. The
figure shows data and clock
signals at the inputs and
outputs of the optocouplers. To
obtain the maximum data
transmission rate, both edges of
the clock signal are being used
to clock the data; if only one
edge were used, the clock signal
would need to be twice as fast.
Propagation delay skew
represents the uncertainty of
where an edge might be after
being sent through an
optocoupler. Figure 18 shows
that there will be uncertainty in
both the data and the clock
lines. It is important that these
two areas of uncertainty not
overlap, otherwise the clock
signal might arrive before all of
the data outputs have settled, or
some of the data outputs may
start to change before the clock
signal has arrived. From these
considerations, the absolute
minimum pulse width that can
be sent through optocouplers in
a parallel application is twice
tPSK. A cautious design should
use a slightly longer pulse width
to ensure that any additional
uncertainty in the rest of the
circuit does not cause a
problem.
The tPSK specified optocouplers
offers the advantages of
guaranteed specifications for
propagation delays, pulse-width
distortion and propagation
delay skew over the
recommended temperature,
input current, and power supply
ranges.
For more information call: United States: call your local HP sales office listed in your telephone directory. Ask for a Components
representative. Canada: (416) 206-4725 Europe: (49) 7031/14-0 Asia Pacific/Australia: (65) 290-6360 Japan: (81 3) 3331-6111
Printed in U.S.A.
Data Subject to Change
Obsoletes 5954-1031 (1/86), 5954-0960 (12/83)
5091-9125E (12/93)
Copyright © 1993 Hewlett-Packard Co.
Figure 17. Illustration of Propagation Delay
Skew - t
PSK.
Figure 18. Parallel Data Transmission Example.
50%
1.5 V
I F
V
O
50%
I F
VO
tPSK
1.5 V
DATA
tPSK
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
t PSK
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com