Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM612MN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM612MN
Description  Dual-Channel Comparator and Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM612MN Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM612MN Datasheet HTML 2Page - National Semiconductor (TI) LM612MN Datasheet HTML 3Page - National Semiconductor (TI) LM612MN Datasheet HTML 4Page - National Semiconductor (TI) LM612MN Datasheet HTML 5Page - National Semiconductor (TI) LM612MN Datasheet HTML 6Page - National Semiconductor (TI) LM612MN Datasheet HTML 7Page - National Semiconductor (TI) LM612MN Datasheet HTML 8Page - National Semiconductor (TI) LM612MN Datasheet HTML 9Page - National Semiconductor (TI) LM612MN Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Information
VOLTAGE REFERENCE
Reference Biasing
The voltage reference is of a shunt regulator topology that
models as a simple zener diode With current IR flowing in
the ‘‘forward’’ direction there is the familiar diode transfer
function IR flowing in the reverse direction forces the refer-
ence voltage to be developed from cathode to anode
TLH11058 – 8
FIGURE 1 124V Reference is Developed between
Cathode and Anode Current Source IR is External
The reference equivalent circuit reveals how VR is held at
the constant 12V by feedback for a wide range of reverse
current
TLH11058 – 9
FIGURE 2 Reference Equivalent Circuit
To generate the required reverse current typically a resistor
is connected from a supply voltage higher than the refer-
ence voltage to the Reference Output pin Varying that volt-
age and so varying IR has small effect with the equivalent
series resistance of less than an ohm at the higher currents
Alternatively an active current source such as the LM134
series may generate IR
TLH11058 – 10
FIGURE 3 12V Reference
Capacitors in parallel with the reference are allowed See
the Reference AC Stability Range typical curve for capaci-
tance valuesfrom 20 mA to 3 mA the reference is stable
for any value of capacitance With the reference’s wide sta-
bility range with resistive and capacitive loads a wide range
of RC filter values will perform noise filtering when neces-
sary
Reference Hysteresis
The reference voltage depends slightly on the thermal his-
tory of the die Competitive micro-power products varyal-
ways check the datasheet for any given device Do not as-
sume that no specification means no hysteresis
COMPARATORS
Either comparator or the reference may be biased in any
way with no effect on the other sections of the LM612 ex-
cept when a substrate diode conducts (see Electrical Char-
acteristics Note 3) For example one or both inputs of one
comparator may be outside the input voltage range limits
the reference may be unpowered and the other comparator
will still operate correctly The inverting input of an unused
comparator should be tied to Vb and the non-inverting tied
to Va
Hysteresis
Any comparator may oscillate or produce a noisy output if
the applied differential input voltage is near the compara-
tor’s offset voltage This usually happens when the input
signal is moving very slowly across the comparator’s switch-
ing threshold This problem can be prevented by the addi-
tion of hysteresis or positive feedback as shown in
Figure
4
TLH11058 – 11
FIGURE 4 RS and RF Add Hysteresis to Comparator
The amount of hysteresis added in
Figure 4 is
VH e Va c
RS
(RF a RS)
Va c
RS
RF
for RF ll RS
A good rule of thumb is to add hysteresis of at least the
maximum specified offset voltage More than about 50 mV
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com