Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM612MN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM612MN
Description  Dual-Channel Comparator and Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM612MN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM612MN Datasheet HTML 1Page - National Semiconductor (TI) LM612MN Datasheet HTML 2Page - National Semiconductor (TI) LM612MN Datasheet HTML 3Page - National Semiconductor (TI) LM612MN Datasheet HTML 4Page - National Semiconductor (TI) LM612MN Datasheet HTML 5Page - National Semiconductor (TI) LM612MN Datasheet HTML 6Page - National Semiconductor (TI) LM612MN Datasheet HTML 7Page - National Semiconductor (TI) LM612MN Datasheet HTML 8Page - National Semiconductor (TI) LM612MN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage on Any Pin Except VR (referred to Vb pin)
(Note 2)
36V (Max)
(Note 3)
b
03V (Min)
Current through Any Input Pin and VR Pin
g
20 mA
Differential Input Voltage
g
36V
Output Short-Circuit Duration
(Note 4)
Storage Temperature Range
b
65 C s TJ s a150 C
Maximum Junction Temperature
150 C
Thermal Resistance Junction-to-Ambient (Note 5)
N Package
100 CW
Soldering Information
N Package
Soldering (10 seconds)
260 C
ESD Tolerance (Note 6)
g
1kV
Operating Temperature Range
LM612AI LM612I
b
40 C s TJ s a85 C
LM612AM LM612M
b
55 C s TJ s a125 C
Electrical Characteristics These specifications apply for Vb e GND e 0V Va e 5V VCM e VOUT e Va 2
IR e 100 mA unless otherwise specified Limits in standard typeface are for TJ e 25 C limits in boldface type apply over the
Operating Temperature Range
Symbol
Parameter
Conditions
(Note 7)
Typical
LM612AM
LM612M
Units
LM612AI
LM612I
Limits
Limits
(Note 8)
(Note 8)
COMPARATORS
IS
Total Supply Current
Va Current RLOAD e %
150
250
250
m
A Max
3V s Va s 36V
170
300
300
m
A Max
VOS
Offset Voltage over
4V s Va s 36V RL e 15 kX
10
30
50
mV Max
Va Range
20
60
70
mV Max
VOS
Offset Voltage over
0V s VCM s (Va b18V)
10
30
50
mV Max
VCM Range
Va e 30V RL e 15 kX
15
60
70
mV Max
D
VOS
D
T
Average Offset Voltage
15
m
V C
Drift
IB
Input Bias Current
5
25
35
nA Max
830
40
nA Max
IOS
Input Offset Current
02
4
4
nA Max
03
5
5
nA Max
AV
Voltage Gain
RL e 10 kX to 36V
500
50
50
VmV Min
2V s VOUT s 27V
100
VmV
tR
Large Signal Response
VaIN e 14V VbIN e TTL
15
m
s
Time
Swing RL e 51 kX
20
m
s
ISINK
Output Sink Current
VaIN e 0V VbIN e 1V
20
10
10
mA Min
VOUT e 15V
13
8
8
mA Min
VOUT e 04V
28
10
08
mA Min
24
05
05
mA Min
IL
Output Leakage Current
VaIN e 1V VbIN e 0V
01
10
10
m
A Max
VOUT e 36V
02
m
A
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com