Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC557ALC4 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC557ALC4
Description  24-terminal ceramic leadless chip carrier package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC557ALC4 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC557ALC4 Datasheet HTML 15Page - Analog Devices HMC557ALC4 Datasheet HTML 16Page - Analog Devices HMC557ALC4 Datasheet HTML 17Page - Analog Devices HMC557ALC4 Datasheet HTML 18Page - Analog Devices HMC557ALC4 Datasheet HTML 19Page - Analog Devices HMC557ALC4 Datasheet HTML 20Page - Analog Devices HMC557ALC4 Datasheet HTML 21Page - Analog Devices HMC557ALC4 Datasheet HTML 22Page - Analog Devices HMC557ALC4 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
HMC557A
Rev. C | Page 21 of 23
SPURIOUS PERFORMANCE WITH UPPER SIDEBAND SELECTED, IF = 100 MHz
Mixer spurious products are measured in dBc from the IF output power level. Spur values are (M × RF) − (N × LO).
M × N Spurious Outputs
RF frequency = 5 GHz, RF input power = −10 dBm, LO frequency = 4.9 GHz, LO drive = 15 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A1
+3.6
+33.3
+25.2
+43.3
+28.6
1
+15.9
+0.00
+31.7
+38.1
+60.8
+73.4
2
+74.8
+64.7
+61.2
+63.6
+79.5
+75.1
3
+74.2
+78.6
+80.8
+72
+78.5
+79.2
4
+73.2
+77.5
+75.3
+78
+90.7
+79.3
5
−92.8
+72.7
+76.7
+77.6
+81.3
+88.9
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com