Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC561LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC561LP3
Description  RoHS Compliant 3x3 mm SMT Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC561LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC561LP3 Datasheet HTML 1Page - Analog Devices HMC561LP3 Datasheet HTML 2Page - Analog Devices HMC561LP3 Datasheet HTML 3Page - Analog Devices HMC561LP3 Datasheet HTML 4Page - Analog Devices HMC561LP3 Datasheet HTML 5Page - Analog Devices HMC561LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC561LP3 / 561LP3E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
Functional Diagram
Electrical Specifications, T
A = +25°C, Vdd = +5V, 5 dBm Drive Level
Typical Applications
The HMC561LP3E are suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
General Description
The HMC561LP3(E) is a x2 active broadband frequ-
ency multiplier utilizing GaAs PHEMT technology
in a leadless RoHS compliant SMT package. When
driven by a +5 dBm signal, the multiplier provides
+14 dBm typical output power from 8 to 21 GHz and
the Fo and 3Fo isolations are 15 dBc at 16 GHz. The
HMC561LP3(E) is ideal for use in LO multiplier chains
for Pt to Pt & VSAT Radios yielding reduced parts
count vs. traditional approaches. The low additive
SSB Phase Noise of -139 dBc/Hz at 100 kHz offset
helps maintain good system noise performance. The
RoHS packaged HMC561LP3(E) eliminates the need
for wire bonding, and allows the use of surface mount
manufacturing techniques. For availability on Non-
RoHS compliant HMC561LP3 product please contact
Hittite Microwave sales directly.
Features
High Output Power: +14 dBm
Low Input Power Drive: 0 to +6 dBm
Fo Isolation: 15 dBc @ Fout= 16 GHz
100 KHz SSB Phase Noise: -139 dBc/Hz
RoHS Compliant 3x3 mm SMT Package
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
4 - 10.5
GHz
Frequency Range, Output
8 - 21
GHz
Output Power
11
14
dBm
Fo Isolation (with respect to output level)
15
dBc
3Fo Isolation (with respect to output level)
15
dBc
4Fo Isolation (with respect to output level)
20
dBc
Input Return Loss
16
dB
Output Return Loss
8dB
SSB Phase Noise (100 kHz Offset)
-139
dBc/Hz
Supply Current (Idd) (Vdd = 5V, Vgg = -1.7V Typ.)
98
mA
*Adjust Vgg between -2.0 and -1.2V to achieve Idd = 98 mA
v01.0407
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC561LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3 HITTITE-HMC561LP3 Datasheet
252Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3E HITTITE-HMC561LP3E Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3E HITTITE-HMC561LP3E Datasheet
252Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3 HITTITE-HMC561LP3_08 Datasheet
252Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
More results

Similar Description - HMC561LP3

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX2016 AXTAL-AXX2016 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant
2006-03-18
AXX2520 AXTAL-AXX2520 Datasheet
57Kb / 2P
Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
2006-03-18
AXX3225 AXTAL-AXX3225 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 3.2x2.5 mm RoHS compliant
2006-03-18
logo
Dialight Corporation
C-17405 DIALIGHT-C-17405 Datasheet
215Kb / 1P
SMT LED RoHS COMPLIANT
logo
Littelfuse
S-2025L LITTELFUSE-S-2025L Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
RoHS compliant SIP7 package
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
20-Pin 3x3 mm QFN package
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
48-pin QFN (RoHS compliant) package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com