Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM614 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM614 Datasheet HTML 3Page - National Semiconductor (TI) LM614 Datasheet HTML 4Page - National Semiconductor (TI) LM614 Datasheet HTML 5Page - National Semiconductor (TI) LM614 Datasheet HTML 6Page - National Semiconductor (TI) LM614 Datasheet HTML 7Page - National Semiconductor (TI) LM614 Datasheet HTML 8Page - National Semiconductor (TI) LM614 Datasheet HTML 9Page - National Semiconductor (TI) LM614 Datasheet HTML 10Page - National Semiconductor (TI) LM614 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics (Reference) T
J = 25˚C, FEEDBACK pin shorted to V
−
= 0V, unless otherwise noted (Continued)
Typical Performance Characteristics (Op Amps) V+ = 5V, V− = GND = 0V, V
CM = V
+/2, V
OUT
= V+/2, T
J = 25˚C, unless otherwise noted
Reference Step Response
for 100 µA z 10 mA
Current Step
DS009326-62
Reference Voltage Change
with Supply Voltage Step
DS009326-63
Input Common-Mode
Voltage Range vs
Temperature
DS009326-64
V
OS vs Junction
Temperature on 9
Representative Units
DS009326-65
Input Bias Current vs
Common-Mode Voltage
DS009326-66
Slew Rate vs Temperature
and Output Sink Current
DS009326-67
Large-Signal
Step Response
DS009326-68
Output Voltage Swing
vs Temp. and Current
DS009326-69
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com