Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM614 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM614 Datasheet HTML 1Page - National Semiconductor (TI) LM614 Datasheet HTML 2Page - National Semiconductor (TI) LM614 Datasheet HTML 3Page - National Semiconductor (TI) LM614 Datasheet HTML 4Page - National Semiconductor (TI) LM614 Datasheet HTML 5Page - National Semiconductor (TI) LM614 Datasheet HTML 6Page - National Semiconductor (TI) LM614 Datasheet HTML 7Page - National Semiconductor (TI) LM614 Datasheet HTML 8Page - National Semiconductor (TI) LM614 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM614
Quad Operational Amplifier and Adjustable Reference
General Description
The LM614 consists of four op-amps and a programmable
voltage reference in a 16-pin package. The op-amp
out-performs most single-supply op-amps by providing
higher speed and bandwidth along with low supply current.
This device was specifically designed to lower cost and
board space requirements in transducer, test, measurement
and data acquisition systems.
Combining a stable voltage reference with four wide output
swing op-amps makes the LM614 ideal for single supply
transducers, signal conditioning and bridge driving where
large common-mode-signals are common. The voltage ref-
erence consists of a reliable band-gap design that maintains
low dynamic output impedance (1
Ω typical), excellent initial
tolerance (0.6%), and the ability to be programmed from
1.2V to 6.3V via two external resistors. The voltage refer-
ence is very stable even when driving large capacitive loads,
as are commonly encountered in CMOS data acquisition
systems.
As a member of National’s new Super-Block™ family, the
LM614 is a space-saving monolithic alternative to a multichip
solution, offering a high level of integration without sacrificing
performance.
Features
Op Amp
n Low operating current:
300 µA
n Wide supply voltage range:
4V to 36V
n Wide common-mode range:
V
− to (V+− 1.8V)
n Wide differential input voltage:
±36V
n Available in plastic package rated for Military
Temperature Range Operation
Reference
n Adjustable output voltage:
1.2V to 6.3V
n Tight initial tolerance available:
±0.6%
n Wide operating current range:
17 µA to 20 mA
n Tolerant of load capacitance
Applications
n Transducer bridge driver and signal processing
n Process and mass flow control systems
n Power supply voltage monitor
n Buffered voltage references for A/D’s
Connection Diagram
Ordering Information
Reference
Tolerance & V
OS
Temperature Range
Package
NSC
Drawing
Military
Industrial
Commercial
−55˚C
≤ T
A ≤ +125˚C
−40˚C
≤ T
A ≤ +85˚C
0˚C
≤ T
A ≤ +70˚C
±0.6%@
LM614AMN
LM614AIN
—
16-pin
N16E
80 ppm/˚C max
Molded DIP
V
OS ≤ 3.5 mV max
LM614AMJ/883
—
—
16-pin
J16A
(Note 13)
Ceramic DIP
±2.0%@
LM614MN
LM614BIN
LM614CN
16-pin
N16E
150 ppm/˚C max
Molded DIP
V
OS ≤ 5.0 mV
—
LM614WM
LM614CWM
16-pin Wide
M16B
Surface Mount
Super-Block™ is a trademark of National Semiconductor Corporation.
DS009326-1
May 1998
© 1999 National Semiconductor Corporation
DS009326
www.national.com


Similar Part No. - LM614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM614 TI1-LM614 Datasheet
1Mb / 26P
Quad Operational Amplifier and Adjustable Reference
LM614-MIL TI1-LM614-MIL Datasheet
1Mb / 26P
Quad Operational Amplifier and Adjustable Reference
logo
National Semiconductor ...
LM6142 NSC-LM6142 Datasheet
404Kb / 15P
High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
Texas Instruments
LM6142 TI-LM6142 Datasheet
1Mb / 26P
LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
More results

Similar Description - LM614

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM611 NSC-LM611 Datasheet
735Kb / 17P
Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Feb-1999
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
LM611IMX TI1-LM611IMX Datasheet
1Mb / 28P
LM611 Operational Amplifier and Adjustable Reference
LM611IMX TI-LM611IMX Datasheet
1Mb / 28P
LM611 Operational Amplifier and Adjustable Reference
logo
National Semiconductor ...
LM614 NSC-LM614_14 Datasheet
1Mb / 28P
LM614 Quad Operational Amplifier and Adjustable Reference
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Texas Instruments
LM614 TI1-LM614 Datasheet
1Mb / 26P
Quad Operational Amplifier and Adjustable Reference
logo
Unisonic Technologies
UM604A UTC-UM604A_17 Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com