Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC705LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC705LP4
Description  Point-to-Point Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC705LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC705LP4 Datasheet HTML 1Page - Analog Devices HMC705LP4 Datasheet HTML 2Page - Analog Devices HMC705LP4 Datasheet HTML 3Page - Analog Devices HMC705LP4 Datasheet HTML 4Page - Analog Devices HMC705LP4 Datasheet HTML 5Page - Analog Devices HMC705LP4 Datasheet HTML 6Page - Analog Devices HMC705LP4 Datasheet HTML 7Page - Analog Devices HMC705LP4 Datasheet HTML 8Page - Analog Devices HMC705LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC705LP4 / HMC705LP4E
v04.0212
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
General Description
Features
Functional Diagram
Typical Applications
the HMc705LP4(e) is a low noise GaAs HBt
programmable divider in a 4x4 mm leadless surface
mount package. the divider can be programmed to
divide by any number from n = 1 to n = 17 up to
6.5 GHz. the HMc705LP4e’s high frequency
operation along with low phase noise floor is very
useful in high performance fast settling synthesizer
architectures. the HMc705LP4e may be combined
with Hittite’s Phase Frequency Detectors, vcos
and PLL ics to create low noise, fast settling phase
locked loops.
ultra Low ssB Phase noise Floor:
-153 dBc/Hz @ 100 kHz
Programmable Divider (n= 1 - 17) operating
up to 6.5 GHz
24 Lead 4X4mm sMt Package: 16mm2
Electrical Specifications, T
A = +25° C, Vcc = Vcc1 = Vcc2 = +5V
the HMc705LP4(e) is ideal for:
• Satellite Communication Systems
• Point-to-Point Radios
• Military Applications
• Sonet Clock Generation
• Test Equipment
Parameter
conditions
Min.
typ.
Max.
units
Maximum input Frequency
sine Wave or square Wave input
6.5
GHz
Minimum input Frequency
sine Wave or square Wave input
0.1
GHz
input Power range
Fin = 0.1 to 6.5 GHz*
-15
0
10
dBm
output Power
Divide-by-2
0
dBm
ssB Phase noise
Fin = 6 GHz, n = 17
-153
dBc/Hz
total supply current
190
mA
* For sine wave inputs less than 400 MHz input power must be greater than or equal to -5 dBm
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC705LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
HMC705LP4E HITTITE-HMC705LP4E Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
More results

Similar Description - HMC705LP4

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
Point-to-Point Radios
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
Point-to-Point Radios
HMC516 MICROSS-HMC516 Datasheet
902Kb / 9P
Point-to-Point Radios
logo
Analog Devices
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
Point-to-Point Radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
Point-to-Point Radios
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
Point to point radios
Rev. 0
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com