Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC705LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC705LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC705LP4E
Download  HMC705LP4E Download
File Size   1138.08 Kbytes
Page   12 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)

HMC705LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC705LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC705LP4E
Download  HMC705LP4E Click to download

File Size   1138.08 Kbytes
Page   12 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)

HMC705LP4E Datasheet (HTML) - Hittite Microwave Corporation


HMC705LP4E Product details

General Description

the  HMc705LP4(e)  is  a  low  noise  GaAs  HBt programmable divider in a 4x4 mm leadless surface mount package. the divider can be programmed to divide  by  any  number  from n =  1  to  n =  17  up  to 6.5  GHz.  The  HMc705LP4e’s  high  frequency operation  along  with  low  phase  noise  floor  is  very useful in high performance fast settling synthesizer architectures. The HMc705LP4e may be combined with  Hittite’s  Phase  Frequency  Detectors, vcos and PLL ics to create low noise, fast settling phase locked loops.



Features

ultra Low ssB Phase noise Floor: -153 dBc/Hz @ 100 kHz

Programmable Divider (n= 1 - 17) operating up to 6.5 GHz

24 Lead 4X4mm sMtPackage: 16mm2



Typical Applications

The HMc705LP4(e) is ideal for:

• satellite communication systems

• Point-to-Point radios

• Military Applications

• sonet clock Generation

• test equipment




Similar Part No. - HMC705LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC705LP4E AD-HMC705LP4E Datasheet
1Mb / 12P
Point-to-Point Radios
More results


Similar Description - HMC705LP4E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4522B STMICROELECTRONICS-HCC4522B Datasheet
202Kb / 6P
PROGRAMMABLE BCD DIVIDER-BY-N COUNTER
Sep-1990
logo
Mitsubishi Electric Sem...
M58478P MITSUBISHI-M58478P Datasheet
160Kb / 4P
17-STATE OSCILLATOR / DIVIDER
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com