Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6680FS Datasheet(PDF) 2 Page - Rohm

Part # BA6680FS
Description  Three-phase motor pre-driver for LBP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6680FS Datasheet(HTML) 2 Page - Rohm

  BA6680FS Datasheet HTML 1Page - Rohm BA6680FS Datasheet HTML 2Page - Rohm BA6680FS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
mA
V
Application Circuit
µ
A
V
Circuit current
ICC
11.7
5.4
-3.0
1.0
VCC+6
VCC+6
9.5
0.342
45
15.7
5.9
-0.7
-
VCC+7
VCC+7
10.5
0.380
54
19.7
6.4
-
4.9
VCC+8
VCC+8
11.5
0.413
-
V
V
V
dB
V
VREG
IHA
VHAR
VG
VHG
VLG
VCL
GVFG
VREG voltage
Hall input bias current
Hall common-mode input voltage range
Boost voltage
Upper gate High voltage
Lower gate High voltage
Current detection voltage
FG amplifier open loop gain
IVREG=-1mA
Electrical characteristics (Unless otherwise noted; Ta=25˚C, Vcc=25.5V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
f=3kHz
C102
CP1
Vb
CP2
C103
R110
Vcc
Regurater
6V/10.5V
VREG
R101 Q101
R102
Hw- Hw+
Hv-
Hu-
Hv+
Hu+
TSD
PWM
FGin+
Charge
Pump
FG out
FG sout
FGin-
OSC
C110 R108
R107
C108
FG
C109
ACC DEC
RCP
R109
R106
C107
CPout
Pref
C106
Rfe
R105
C104
Cfe
C105
CL R104
R103
GND
C111
WHG
VHG
UHG
WLG
VLG
ULG
CNF
C112
RDS035L03
RDS035L03
RDS035L03
RDS035L03
10
24
23
22
21
26 25
27
28
29
30
31
32
2
1
8
7
6
M
5
3
14
9
4
13
12 11
OSC
Hall AMP
Hu
Hv
15
16
17
18
Hw
19
20
BA6680FS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com