Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6680FS Datasheet(PDF) 1 Page - Rohm

Part # BA6680FS
Description  Three-phase motor pre-driver for LBP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6680FS Datasheet(HTML) 1 Page - Rohm

  BA6680FS Datasheet HTML 1Page - Rohm BA6680FS Datasheet HTML 2Page - Rohm BA6680FS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
Applications
Dimension (Unit : mm)
∗Derating : 7.6mW/˚C for operation above Ta=25˚C
BA6680FS
SSOP-A32
0.15 ± 0.1
1
32
0.36 ± 0.1
16
17
13.6 ± 0.2
0.8
0.1
Absolute Maximum Ratings (Ta=25˚C)
Power supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vcc
Pd
Topr
Tstg
36
950
+75
+150
-10
-40
~
~
mW
˚C
˚C
V
Power supply voltage
VCC
16
28
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
-
∗
Three-phase motor pre-driver for LBP
BA6680FS is a three-phase motor pre-driver.
PWM driving system is adopted in this IC as
well as incorporation of a booster to drive
N-channel (upper and lower) MOS FET.
Current limit, FG amplifier, FG hysteresis
amplifier and charge-pump are incorporated
as other functions.
1)Three-phase motor pre-driver
2)Upper and lower N-channel MOS FET driving
3)PWM driving
4)Built-in charge-pump circuit
5)Built-in FG amplifier and hysteresis amplifier
6)Built-in current limit circuit
Paper feed motor for LBP, Motor for OA appliances


Similar Part No. - BA6680FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA668A ROHM-BA668A Datasheet
403Kb / 4P
12-Point Fluorescent Display Tube VU Scale Peak Hold Meter Driver
More results

Similar Description - BA6680FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
logo
Rohm
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
Three-phase motor driver for CD-ROMs
BD6761FS ROHM-BD6761FS Datasheet
206Kb / 5P
3-phase motor pre-driver for LBP
BD6762FV ROHM-BD6762FV Datasheet
342Kb / 6P
3-phase motor pre-driver for LBP
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
logo
Monolithic Power System...
MP6529 MPS-MP6529 Datasheet
472Kb / 13P
5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com