Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5724ACPZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5724ACPZN-R7
Description  Satellite communications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5724ACPZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5724ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
ADL5724
Rev. 0 | Page 7 of 12
20
–30
–25
–20
–15
–10
–5
0
5
10
15
FREQUENCY (GHz)
12.7
15.4
13.0
13.3
13.6
13.9
14.2
14.5
14.8
15.1
TA = –40°C
TA = +25°C
TA = +85°C
Figure 9. Input IP3 vs. Frequency for Various Temperatures
20
–30
–25
–20
–15
–10
–5
0
5
10
15
FREQUENCY (GHz)
12.7
15.4
13.0
13.3
13.6
13.9
14.2
14.5
14.8
15.1
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 10. Input IP3 vs. Frequency for Various Supply Voltages
0
–30
FREQUENCY (GHz)
12.7
15.4
13.0
13.3
13.6
13.9
14.2
14.5
14.8
15.1
–25
–20
–15
–10
–5
TA = –40°C
TA = +25°C
TA = +85°C
Figure 11. Input Return Loss vs. Frequency for Various Temperatures
0
–30
FREQUENCY (GHz)
12.7
15.4
13.0
13.3
13.6
13.9
14.2
14.5
14.8
15.1
–25
–20
–15
–10
–5
TA = –40°C
TA = +25°C
TA = +85°C
Figure 12. Output Return Loss vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com