Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5724ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5724ACPZN-R7
Description  Satellite communications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5724ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5724ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5724ACPZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ADL5724
Data Sheet
Rev. 0 | Page 10 of 12
EVALUATION BOARD
The ADL5724-EVALZ comes with an ADL5724 chip. It supports
a single 5 V supply for ease of use. Note that, for 5 V operation,
the 3.3 V and 1.8 V test loops are for evaluation purposes only.
When using a 3.3 V or 1.8 V supply, remove the R1 and R2
resistors from the evaluation board. Figure 19 shows the
ADL5724-EVALZ lab bench setup.
INITIAL SETUP
To set up the ADL5724-EVALZ, take the following steps:
1.
Power up the ADL5724-EVALZ with a 5 V dc supply. The
supply current of the evaluation board is approximately
114 mA, which is a combination of the VCC1 (1.8 V) and
the VCC2 (3.3 V) currents.
2.
Connect the signal generator to the input of theADL5724-
EVALZ.
3.
Connect RFOP and RFON to a 180° hybrid that works
within the 12.7 GHz to 15.4 GHz frequency range.
4.
Connect the difference output of the hybrid to the
spectrum analyzer. The sum port of the hybrid must be
terminated to 50 Ω.
See Figure 19 for the ADL5724-EVALZ lab bench setup.
RESULTS
Figure 18 shows the expected results when testing the
ADL5724-EVALZ using the Rev. A version of the evaluation
board and its software. Note that future iterations of the software
may produce different results. See the ADL5724 product page
for the most recent software version.
Figure 18 shows the results of differential output for an input of
12.7 GHz at −15 dBm. The hybrid and board loss were not
deembedded.
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1
12.65
12.67
12.66
12.68 12.69
12.71
12.73
12.70
12.72
12.74 12.75
FREQUENCY (GHz)
RESOLUTION BANDWIDTH = 20kHz
VIDEO BANDWIDTH = 20kHz
SWEEP = 301ms (1001pts)
Figure 18. Test Results at 12.7 GHz
+5V DC
GND
INPUT
RF FREQUENCY GENERATOR
RFON
RFOP
180° HYBRID FOR DIFFERENTIAL
TO SINGLE ENDED OUTPUT
SPECTRUM
ANALYZER
Figure 19. ADL5724-EVALZ Lab Bench Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com