Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD509X2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD509X2
Description  The PCD50912 is designed for GAP compatible DECT handsets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD509X2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD509X2 Datasheet HTML 4Page - NXP Semiconductors PCD509X2 Datasheet HTML 5Page - NXP Semiconductors PCD509X2 Datasheet HTML 6Page - NXP Semiconductors PCD509X2 Datasheet HTML 7Page - NXP Semiconductors PCD509X2 Datasheet HTML 8Page - NXP Semiconductors PCD509X2 Datasheet HTML 9Page - NXP Semiconductors PCD509X2 Datasheet HTML 10Page - NXP Semiconductors PCD509X2 Datasheet HTML 11Page - NXP Semiconductors PCD509X2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1998 Apr 27
8
Philips Semiconductors
Objective specification
Low cost; low power DECT baseband
controllers (ABC-PRO)
PCD509x2/zuu/v family
VSS(OSC)
26
−−
−
negative supply for crystal oscillator
VDD(BAT)
27
I
−−
positive battery supply voltage
VANLI
28
I/O
−
VDDA
analog input to ADC, current output
VANLO
29
O
off
VDDA
analog output from DAC
VDDA
30
−−
−
positive supply voltage for analog circuits
EARM
31
O
off
VDDA
negative output to earpiece
EARP
32
O
off
VDDA
positive output to earpiece
VSSA
33
−−
−
negative supply voltage for analog circuits
VBGP
34
O
1.2 V
VDD(BAT)
bandgap output voltage (+1.2 V)
Vref
35
O
off
VDDA
reference voltage, microphone supply (+2 V)
MICM/LIFP
36
I
off
VDDA
negative/positive input from microphone/line
MICP/LIFM
37
I
off
VDDA
positive/negative input from microphone/line
VDD(BZ)
38
−−
−
positive supply voltage for buzzer
BZM
39
O
LOW
VDD(BZ)
negative buzzer output
BZP
40
O
LOW
VDD(BZ)
positive buzzer output
VSS(BZ)
41
−−
−
negative supply voltage for buzzer
P2.0
42
I/O
HIGH
VDD(P0,P2) bidirectional Port 3 pins (80C51)
P2.1
43
I/O
HIGH
VDD(P0,P2)
P2.2
44
I/O
HIGH
VDD(P0,P2)
P2.3
45
I/O
HIGH
VDD(P0,P2)
P2.4
46
I/O
HIGH
VDD(P0,P2)
P2.5
47
I/O
HIGH
VDD(P0,P2)
P2.6
48
I/O
HIGH
VDD(P0,P2)
P2.7
49
I/O
HIGH
VDD(P0,P2)
A16
50
O
LOW
VDD(P0,P2) A16 address select
VSS(P0,P2)
51
−−
−
negative supply voltage
VDD(P0,P2)
52
−−
−
positive supply voltage for periphery pins
PSEN
53
O
HIGH
VDD(P0,P2) program store enable (80C51), active LOW
ALE
54
O
HIGH
VDD(P0,P2) address latch enable (80C51)
P0.7
55
I/O
HIGH
VDD(P0,P2) bidirectional Port 0 pins (80C51)
P0.6
56
I/O
HIGH
VDD(P0,P2)
P0.5
57
I/O
HIGH
VDD(P0,P2)
P0.4
58
I/O
HIGH
VDD(P0,P2)
P0.3
59
I/O
HIGH
VDD(P0,P2)
P0.2
60
I/O
HIGH
VDD(P0,P2)
P0.1
61
I/O
HIGH
VDD(P0,P2)
P0.0
62
I/O
HIGH
VDD(P0,P2)
SYMBOL
PIN
I/O
STATE
AFTER
RESET(1)
SUPPLY
DOMAIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com