Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD509X2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD509X2
Description  The PCD50912 is designed for GAP compatible DECT handsets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD509X2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD509X2 Datasheet HTML 1Page - NXP Semiconductors PCD509X2 Datasheet HTML 2Page - NXP Semiconductors PCD509X2 Datasheet HTML 3Page - NXP Semiconductors PCD509X2 Datasheet HTML 4Page - NXP Semiconductors PCD509X2 Datasheet HTML 5Page - NXP Semiconductors PCD509X2 Datasheet HTML 6Page - NXP Semiconductors PCD509X2 Datasheet HTML 7Page - NXP Semiconductors PCD509X2 Datasheet HTML 8Page - NXP Semiconductors PCD509X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Apr 27
3
Philips Semiconductors
Objective specification
Low cost; low power DECT baseband
controllers (ABC-PRO)
PCD509x2/zuu/v family
1
FEATURES
• The PCD50912 is designed for GAP compatible DECT
handsets
• The PCD50922 is designed for GAP compatible DECT
base stations serving up to six handsets
• Fully static 80C51 microcontroller
• Emulation supported for 80C51 program development
• Four 8-bit ports (P0, P1, P2 and P3), 32 I/O lines
• Dedicated port pins for keyboard, I2C-bus, interrupt
sources and/or external memory
• Fifteen interrupt sources (including those from TICB,
BML and DSP) with two priority levels
• I2C-bus interface
• UART with IrDA-compatible Data Transmission Mode
• 256 bytes of microcontroller main RAM
• 3 kbytes of microcontroller AUX RAM
• 1 kbyte of shared System Data RAM
• 64 kbytes of mask programmable ROM
• 128 kbyte address space for external ROM access,
maximum 192 kbytes together with internal ROM
• 128 kbytes of external RAM addressable
• Embedded DSP with 6.912, 13.824 or 27.648 Mips
• Speech and IOM-2 interface
• BML for TDMA frame (de)multiplexing. Transmission or
reception can be programmed for any slot
• Ciphering, scrambling, CRC checking/generation,
protected B-fields
• Local call and B-field loop-back
• Automatic receiver delay adjustment programmable per
slot to correct for terminal mobility
• Phase error measurement and phase error correction by
hardware
• Serial interface to synthesizer for frequency
programming
• Programmable timing and polarity of radio-control
signals
• Easy interfacing with radio circuits, operating at different
supply voltages
• GMSK pulse shaper with two different pulse shapes
(BT = 0.5 and BT = 0.8)
• Comparator for use as bit-slicer
• 3 channel time-multiplexed 8-bit ADC for RSSI, battery
and general input voltage measurement
• Battery management supported by programmable
current source for temperature or charge current
measurement
• On-chip 8-bit DAC for various purposes
• Low power crystal oscillator at 13.824 MHz
• Programmable on-chip capacitors for frequency
adjustment to 13.824 MHz with large pulling range
• High performance DAC and ADC for dynamic earpiece
and dynamic or electret microphone
• Analog-to-digital path switchable sensitivity for
microphone or line interface input
• On-chip reference voltage and supply for electret
microphone
• Very low ohmic buzzer output
• Pulse density modulated or pulse width modulated
buzzer output signal
• Power-on-reset
• Low power operation optimized for 2 battery cells in
handset
• Long standby time due to reduced digital supply voltage
and reduced activity in idle-locked mode
• Flexible supply voltage concept due to use of level
shifters between each supply voltage domain
• Eight independent supply voltage domains:
– 1.8 to 3.6 V for digital core, microcontroller ports P0
and P2, and also P1 and P3
– 1.8 to 3.6 V for buzzer, oscillator and battery
– 2.7 to 3.6 V for RF interface and analog circuits
• CMOS technology
• Small and flat LQFP80 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com