Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1486U/7 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA1486U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1486U/7 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA1486U/7 Datasheet HTML 9Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 10Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 11Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 14Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 15Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 16Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Apr 21
13
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
CHARACTERISTICS
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; crystal: RS =20kΩ; C1 = 2 to 3 fF; CL = 8 to 10 pF;
C0 = 1 to 3 pF; unless otherwise specified.
Immunity against parasitic impedance = 20 M
Ω from one pin to an adjacent pin.
Note
1. Duty factor is 1 : 32 and RESET = VDD or VSS.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD1
supply voltage
Tamb = −10 to +60 °C
1.2
1.55
2.5
V
∆V
DD
supply voltage variation
transient
−−
0.25
V
VDD2
supply voltage pulse
programming
5.0
5.1
5.2
V
∆V
DDP
supply voltage pulse
variation
programming
0.55
0.6
0.65
V
IDD1
supply current
between motor pulses
−
170
260
nA
IDD2
supply current
Tamb = −10 to +60 °C
−−
600
nA
IDD3
supply current
stop mode; pin 8 connected
to VDD
−
180
280
nA
Motor output
Vsat
saturation voltage
Σ (P + N) RM =2kΩ;
Tamb = −10 to +60 °C
−
150
200
mV
Zo(sc)
output short-circuit
impedance
between motor pulses
Itransistor <1mA
−
200
300
Ω
Oscillator
VOSC ST
starting voltage
1.2
−−
V
gm
transconductance
Vi(p-p) ≤ 50 mV
6
15
−µS
tosc
start-up time
−
1
−
s
∆f/f
frequency stability
∆V
DD = 100 mV
−
0.05
× 10−6 0.3 × 10−6
Ci
input capacitance
8
10
12
pF
Co
output capacitance
12
15
18
pF
Voltage level detector
VEOL
threshold voltage
1.30
1.38
1.46
V
∆V
EOL
hysteresis of threshold
−
10
−
mV
TCEOL
temperature coefficient
−−1
−
mV/K
Reset input
fo
output frequency
−
32
−
Hz
∆V
o
output voltage swing
R = 1 M
Ω; C = 10 pF
1.4
−−
V
tedge
edge time
R = 1 M
Ω; C = 10 pF
−
1
−µs
Iim
peak input current
note 1
−
320
−
nA
Ii(av)
average input current
−
10
−
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com