Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1486U/7 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA1486U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1486U/7 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA1486U/7 Datasheet HTML 10Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 11Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 14Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 15Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 16Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 17Page - NXP Semiconductors PCA1486U/7 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1998 Apr 21
14
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
TIMING PARAMETERS
Note
1. No option available when EOL indication is required.
SYMBOL
PARAMETER
SECTION
VALUE
OPTION
UNIT
tT
cycle for motor pulse (note 1)
motor pulse (Figs 2 and 3)
1
5, 10, 12 or 20
s
tP
motor pulse width
7.81
3.9 or 5.9
ms
tDF
duty factor
977
−µs
tONL
last duty factor on
183 to 488
−µs
tv
voltage detection cycle
level mode
60
−
s
tSON
duty factor on
silver-oxide mode (Fig.3)
427 to 733
−µs
tSOFF
duty factor off
550 to 244
−µs
tSONF
first duty factor on
244
−µs
tE
EOL sequence
end-of-life mode
4
−
s
tE1
motor pulse width
tP
−
ms
tE2
time between pulses
31.25
−
ms
tD
detection sequence
detection (Fig.6)
4.3 to 28.3
−
ms
tDS
short-circuited motor
977
−µs
tDI
dissipation of energy
977
−µs
tMC
measurement cycle
488
−µs
tM1
phase 1
244
−µs
tM2
phase 2 (measure window)
61
−µs
tM3
phase 3
122
−µs
tM4
phase 4
61
−µs
P
positive current polarities
2
P < N
N
negative current polarities
3
2 to 6
tC
correction sequence
correction sequence (Fig.7)
tP + 30.27
−
ms
tC1
small pulse width
977
−µs
tC2
large pulse width
tP
−
ms
cycle time for motor pulses in: testing
tT1
test 1
125
−
ms
tT2
test 2
31.25
−
ms
tT3
test 3
see Fig.9
31.25 to 39
−
ms
tDEB
debounce time for
RESET = VDD
14.7 to 123.2
−
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com