Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1462U/7 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA1462U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1462U/7 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA1462U/7 Datasheet HTML 9Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 10Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 11Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 14Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 15Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 16Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1998 Apr 21
13
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
Power-on reset
For correct operation of the Power-on reset the rise time of
VDD from 0 V to 2.1 V should be less than 0.1 ms.
All resetable flip-flops are reset. Additionally the polarity of
the first motor pulse is positive: VM1 − VM2 ≥ 0V.
Customer testing
An output frequency of 32 Hz is provided at RESET (pin 8)
to be used for exact frequency measurement. Every
minute a jitter occurs as a result of the inhibition, which
occurs 90 to 150 ms after disconnecting the RESET from
VDD.
Connecting the RESET to VDD stops the motor pulses
leaving them in a 3-state mode and sets the motor pulse
width for the next available motor pulse to stage 1 in the
silver-oxide mode. A 32 Hz signal without jitter is produced
at the TEST pin.
Debounce time RESET = 14.7 to 123.2 ms.
Connecting RESET to VSS activates Tests 1 and 2 and
disables the inhibition.
Test 1, VDD >VEOL. Normal function takes place except
that the motor pulse period is tT1 = 125 ms instead of tT,
and the motor pulse stage is reduced every second
instead of every 8 minutes. At TEST a speeded-up
8 minute signal is available.
Test 2, VDD <VEOL. Motor pulses of stage 8 are produced,
with a time period of tT2 = 31.25 ms.
Test and reset modes are terminated by disconnecting the
RESET pin.
Test 3, VDD > 5.1 V. Motor pulses of stage 8 are
produced, with a time period of tT3 = 31.25 ms and
n
× 122 µs to check the contents of the EEPROM. At
TEST a speeded-up cycle for motor pulse period signal tT
is available at 1024 times its normal frequency.
Decreasing VDD voltage level to lower than 2.5 V between
two motor pulses returns the circuit to normal operating
conditions.
AVAILABLE TYPES
Refer to Chapters “Ordering information” and “Functional description and testing”.
Note
1. U = Chip in tray; U/7 = chip with bumps on tape; U/10 = chip on foil.
SHORT
TYPE
NUMBER
DELIVERY
FORMAT(1)
PERIOD
tT
(s)
SPECIFICATIONS
PULSE
WIDTH
tP
(ms)
DRIVE
(%)
DETECTION
CRITERION
EEPROM
BATTERY
EOL
DETECTION
REMARKS
1461
U; U/10
1
7.8
max. 100
81
P=1
N=2
yes
yes
1.5 V and
2.1 V Lithium
1462
U; U/7;
U/10
1
5.8
max. 100
81
P=1
N=2
yes
yes
1.5 V and
2.1 V Lithium
1463
U; U/10
1
3.9
max. 100
81
P=1
N=2
yes
yes
1.5 V and
2.1 V Lithium
1465
U/10; U/7
1
5.8
max. 100
P = 1
N=2
yes
no
1.5 V
1467
U/10
1
7.8
max. 100
P = 1
N=2
yes
no
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com