Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1462U/7 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA1462U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1462U/7 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA1462U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 14Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 15Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 16Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 17Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 18Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 19Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 20Page - NXP Semiconductors PCA1462U/7 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1998 Apr 21
17
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Table 3
Bonding pad locations (dimensions in
µm)
All x/y coordinates are referenced to bottom left pad (VDD), see Fig.11.
PAD
x
y
VSS
1290
1100
TEST
940
1100
OSC IN
481
1100
OSC OUT
−102
1100
VDD
00
M1
578
0
M2
930
0
RESET
1290
0
chip corner (max. value)
−497.5
−170
Fig.11 Bonding pad locations, PCA146xU series; 8 terminals.
Chip area: 2.91 mm2.
Bonding pad dimensions: 110
µm × 110 µm.
Chip thickness: 200
±25 µm, with bumps: 270 ±25 µm.
MSA938
0
0
1.44 mm
VDD
M1
M2
RESET
VSS
TEST
OSC IN
OSC OUT
y
x
2.02 mm
PCA146xU
SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com