Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDA Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P83C366BDA
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDA Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P83C366BDA Datasheet HTML 57Page - NXP Semiconductors P83C366BDA Datasheet HTML 58Page - NXP Semiconductors P83C366BDA Datasheet HTML 59Page - NXP Semiconductors P83C366BDA Datasheet HTML 60Page - NXP Semiconductors P83C366BDA Datasheet HTML 61Page - NXP Semiconductors P83C366BDA Datasheet HTML 62Page - NXP Semiconductors P83C366BDA Datasheet HTML 63Page - NXP Semiconductors P83C366BDA Datasheet HTML 64Page - NXP Semiconductors P83C366BDA Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
1999 Mar 10
61
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.6
Loading character data into display RAM
Three registers are used to address and load data into the
display RAM: OSAD, OSDT and OSAT. These registers
are described in Sections 17.6.1 to 17.6.3.
17.6.1
OSD ADDRESS REGISTER (OSAD)
This register holds the address of the location in display
RAM, into which character data is to be written.
Table 73 OSD Address Register (address 9BH)
17.6.2
OSD DATA REGISTER (OSDT)
This register holds the character font data that will be
loaded into bits <11-5> of the location in RAM addressed
by the contents of OSAD.
Table 74 OSD Data Register (address 9AH)
17.6.3
OSD ATTRIBUTE REGISTER (OSAT)
This register is loaded with character attribute data.
The data will be loaded into bits <4-0> of the location in
RAM addressed by the contents of OSAD. The actual
attribute is dependent upon whether the Character Font
Code, Carriage Return Code, Space Code 1 or Space
Code 2 has been selected.; this is explained in
Section 17.5.1. Bits 7 to 5 are not used and are reserved.
Table 75 OSD Attribute Register (address 99H)
76543210
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
76543210
−
C6
C5
C4
C3
C2
C1
C0
76543210
−−
0
T4T3T2
−
T0
17.7
Writing character data into the display RAM
The procedure for writing character data into the display
RAM is as follows:
1. Initialize the starting address of the display RAM by
writing data into OSAD.
2. Write the character attributes to OSAT. If the attributes
of a series of displayed characters are the same, the
contents of this register need not be changed; only
OSDT need be updated.
3. Write the character font code to be displayed to OSDT.
When the write to OSDT operation is finished an
automatic transfer occurs that loads the data stored in
OSAT and OSDT into the display RAM location
addressed by OSAD. The address held in OSAD is
then incremented by ‘1’.
4. Post increment operation is executed in OSAD
(OSAD
← OSAD + 1) making it point to the next RAM
location. On overflow OSAD is cleared. Figure 39
shows the post-increment operation.
Fig.39 OSAD post-increment operation.
handbook, halfpage
MGL282
00
01
02
03
04
89
90
91
189
190
191
OSAD
numbers are in decimal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com