Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C366BDA Datasheet(PDF) 77 Page - NXP Semiconductors

Part # P83C366BDA
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366BDA Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button P83C366BDA Datasheet HTML 73Page - NXP Semiconductors P83C366BDA Datasheet HTML 74Page - NXP Semiconductors P83C366BDA Datasheet HTML 75Page - NXP Semiconductors P83C366BDA Datasheet HTML 76Page - NXP Semiconductors P83C366BDA Datasheet HTML 77Page - NXP Semiconductors P83C366BDA Datasheet HTML 78Page - NXP Semiconductors P83C366BDA Datasheet HTML 79Page - NXP Semiconductors P83C366BDA Datasheet HTML 80Page - NXP Semiconductors P83C366BDA Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
1999 Mar 10
77
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
20 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134)
21 CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; Tamb = −20 to 70 °C; all voltages with respect to VSS unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDX
any supply voltage
4.5
−
5.5
V
VI
input voltage (all inputs)
−0.5
−
VDD + 0.5 V
Ptot
total power dissipation
−−
170
mW
Tstg
storage temperature
−55
−
+125
°C
Tamb
operating ambient temperature
−20
−
70
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDD
digital supply voltage
4.5
5.0
5.5
V
VDDA
analog supply voltage
4.5
5.0
5.5
V
IDDD
digital supply current
fCLK = 12 MHz
−−
32
mA
IDDA
analog supply current
fCLK = 12 MHz
−−
5.0
mA
VPP
programming voltage
12.5
12.75
13
V
IPP
programming current
−−
10
mA
CMOS inputs
VIL
LOW-level input voltage
−−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−−
V
ILI
input leakage current
VSS <VI <VDD
−10
−
+10
µA
CMOS inputs (Schmitt trigger)
VIL
LOW-level input voltage
0.2VDD
−−
V
VIH
HIGH-level input voltage
−−
0.8VDD
V
TTL inputs
VIL
LOW-level input voltage
−−
0.8
V
VIH
HIGH-level input voltage
2.0
−−
V
TTL inputs (Schmitt trigger)
VIL
LOW-level input voltage
0.6
−−
V
VIH
HIGH-level input voltage
−−
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com