Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCP1803 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 4 Page - Texas Instruments

  CDCP1803 Datasheet HTML 1Page - Texas Instruments CDCP1803 Datasheet HTML 2Page - Texas Instruments CDCP1803 Datasheet HTML 3Page - Texas Instruments CDCP1803 Datasheet HTML 4Page - Texas Instruments CDCP1803 Datasheet HTML 5Page - Texas Instruments CDCP1803 Datasheet HTML 6Page - Texas Instruments CDCP1803 Datasheet HTML 7Page - Texas Instruments CDCP1803 Datasheet HTML 8Page - Texas Instruments CDCP1803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control pin settings
The CDCP1803 has three control pins (S0, S1, and S2) and an enable pin (EN) to select different output mode
settings.
RS0 = Open
EN
CDCP1803
S1
S0
RS1 = 0 Ω
REN = Open
Setting for Mode 20:
EN = 1
S2 = 1
S1 = 0
S0 = 1
RS2 = Open
S2
Figure 1. Control Pin Setting for Example
Table 1. Selection Mode Table
LVPECL
MODE
EN
S2
S1
S0
Y0
Y1
Y2
0
0
x
x
x
Off (high-z)
1
1
0
0
0
÷ 1
÷ 1
÷ 1
2
1
0
0
VDD/2
÷ 1
Off (high-z)
Off (high-z)
3
1
0
0
1
÷ 1
÷ 1
Off (high-z)
4
1
0
VDD/2
0
÷ 1
÷ 2
Off (high-z)
5
1
0
VDD/2
VDD/2
÷ 1
÷ 4
Off (high-z)
6
1
0
VDD/2
1
÷ 1
÷ 8
Off (high-z)
7
1
0
1
0
÷ 1
Off (high-z)
÷ 1
8
1
0
1
1
÷ 1
÷ 2
÷ 1
9
1
VDD/2
0
0
÷ 1
÷ 4
÷ 1
10
1
VDD/2
0
VDD/2
÷ 1
÷ 8
÷ 1
11
1
VDD/2
0
1
÷ 1
Off (high-z)
÷ 2
12
1
VDD/2
VDD/2
0
÷ 1
÷ 1
÷ 2
13
1
VDD/2
VDD/2
VDD/2
÷ 1
÷ 2
÷ 2
14
1
VDD/2
VDD/2
1
÷ 1
÷ 4
÷ 2
15
1
VDD/2
1
0
÷ 1
÷ 8
÷ 2
16
1
VDD/2
1
VDD/2
÷ 1
Off (high-z)
÷ 4
17
1
VDD/2
1
1
÷ 1
÷ 1
÷ 4
18
1
1
0
0
÷ 1
÷ 2
÷ 4
19
1
1
0
VDD/2
÷ 1
÷ 4
÷ 4
20
1
1
0
1
÷ 1
÷ 8
÷ 4
21
1
1
VDD/2
0
÷ 1
Off (high-z)
÷ 8
22
1
1
VDD/2
VDD/2
÷ 1
÷ 1
÷ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com