Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCP1803 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCP1803
Description  1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCP1803 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCP1803 Datasheet HTML 9Page - Texas Instruments CDCP1803 Datasheet HTML 10Page - Texas Instruments CDCP1803 Datasheet HTML 11Page - Texas Instruments CDCP1803 Datasheet HTML 12Page - Texas Instruments CDCP1803 Datasheet HTML 13Page - Texas Instruments CDCP1803 Datasheet HTML 14Page - Texas Instruments CDCP1803 Datasheet HTML 15Page - Texas Instruments CDCP1803 Datasheet HTML 16Page - Texas Instruments CDCP1803 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CDCP1803
1:3 LVPECL CLOCK BUFFER
WITH PROGRAMMABLE DIVIDER
SCAS727B − NOVEMBER 2003 − REVISED FEBRUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Package Thermal Pad
(Underside)
Top Side
Island
Thermal Via
Dia 0.020 In.
Heat
Dissipation
VSS Copper Plane
VSS Copper Plane
Figure 8. Recommended Thermal Via Placement
See the SCBA017 and the SLUA271 application notes for further package related information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com