Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223ARZ-R71 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8223ARZ-R71
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223ARZ-R71 Datasheet(HTML) 4 Page - Analog Devices

  AD8223ARZ-R71 Datasheet HTML 1Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 2Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 3Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 4Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 5Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 6Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 7Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 8Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD8223
Rev. 0 | Page 3 of 20
SPECIFICATIONS
SINGLE SUPPLY
TA = 25°C, −VS = 0 V, +VS = +5 V, and RL = 10 kΩ to 2.5 V, unless otherwise noted.
Table 2
Parameter
AD8223A
AD8223B
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
DC to 60 Hz with 1 kΩ Source
Imbalance
VCM = 0 V to 3 V
G = 5
80
86
dB
G = 10
86
90
dB
G = 100
90
96
dB
G = 1000
90
96
dB
NOISE
VIN+ = VIN− = VREF = 0 V
Voltage Noise, 1 kHz
G = 5
50
50
nV/√Hz
G = 1000
30
30
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 5
1.0
1.0
μV p-p
G = 1000
0.6
0.6
μV p-p
Current Noise, 1 kHz
70
70
fA/√Hz
0.1 Hz to 10 Hz
1.2
1.2
pA p-p
VOLTAGE OFFSET
Total RTI error =
VOSI + VOSO/G
Input Offset, VOSI
250
100
μV
Over Temperature
TA = −40°C to +85°C
400
160
μV
Average TC
TA = −40°C to +85°C
2
1
μV/°C
Output Offset, VOSO
1500
1000
μV
Over Temperature
TA = −40°C to +85°C
2000
1500
μV
Average TC
TA = −40°C to +85°C
15
10
μV/°C
Offset Referred to Input vs.
Supply (PSR)
+VS = 4 V to 24 V,
−VS = 0 V
G = 5
80
86
dB
G = 10
86
90
dB
G = 100
90
96
dB
G = 1000
90
96
dB
INPUT CURRENT
Input Bias Current
5
12
25
5
12
25
nA
Over Temperature
TA = −40°C to +85°C
5
28
5
28
nA
Average Temperature
Coefficient
TA = −40°C to +85°C
50
50
pA/°C
Input Offset Current
0.25
2
0.25
2
nA
Over Temperature
TA = −40°C to +85°C
2.5
2.5
nA
Average Temperature
Coefficient
TA = −40°C to +85°C
5
5
pA/°C
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 5
125
125
kHz
G = 10
125
125
kHz
G = 100
50
50
kHz
G = 1000
5
5
kHz
Slew Rate
0.2
0.2
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com