Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223ARZ-R71 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8223ARZ-R71
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223ARZ-R71 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8223ARZ-R71 Datasheet HTML 6Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 7Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 8Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 9Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 10Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 11Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 12Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 13Page - Analog Devices AD8223ARZ-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD8223
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, RL = 10 kΩ, unless otherwise noted.
700
0
–12.0
INPUT BIAS CURRENT (nA)
600
500
400
300
200
100
–13.8
–13.5
–13.2
–12.9
–12.6
–12.3
N = 4720
MEAN = –12.9448
SD = 0.317868
Figure 3. Typical Distribution of Input Bias Current
0
1.2
INPUT OFFSET CURRENT (nA)
1000
800
600
400
200
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
N = 4720
MEAN = –0.00571517
SD = 0.172282
Figure 4. Typical Distribution of Input Offset Current
0
–0.015
0.015
GAIN ERROR, G = 5 (%)
1400
1200
1000
800
600
400
200
–0.010
–0.005
0
0.005
0.010
N = 5036
MEAN = –0.00336179
SD = 0.00155048
Figure 5. Typical Distribution for Gain Error (G = 5)
1000
10
0.1
100k
FREQUENCY (Hz)
1
10
100
1k
10k
100
G = 1000
BW LIMIT G = 100
BW LIMIT
G = 5
G = 10
Figure 6. Voltage Noise Density vs. Frequency
15
0
25
20
10
5
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 7. IBIAS vs. Temperature
1000
100
10
0.01
1k
FREQUENCY (Hz)
0.1
1
10
100
Figure 8. Current Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com