Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8231
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
NC
2
(IN-AMP –IN) –INA
3
(IN-AMP +IN) +INA
4
NC
11 –VS
12 +VS
10 OUTA (IN-AMP OUT)
9
REF
TOP VIEW
(Not to Scale)
AD8231
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD CAN BE CONNECTED TO THE NEGATIVE
SUPPLY (–VS) OR LEFT FLOATING.
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
NC
No Connect.
2
−INA (IN-AMP −IN)
Instrumentation Amplifier Negative Input.
3
+INA (IN-AMP +IN)
Instrumentation Amplifier Positive Input.
4
NC
No Connect.
5
SDN
Shutdown.
6
+INB
Operational Amplifier Positive Input.
7
−INB
Operational Amplifier Negative Input.
8
OUTB (OP AMP OUT)
Operational Amplifier Output.
9
REF
Instrumentation Amplifier Reference Pin. It should be driven with a low impedance. Output is
referred to this pin.
10
OUTA (IN-AMP OUT)
Instrumentation Amplifier Output.
11
−VS
Negative Power Supply. Connect to ground in single-supply applications.
12
+VS
Positive Power Supply.
13
CS
Chip Select. Enables digital logic interface.
14
A0
Gain Setting Bit (LSB).
15
A1
Gain Setting Bit.
16
A2
Gain Setting Bit (MSB).
EPAD
Exposed Pad. Can be connected to the negative supply (−VS) or left floating.
Rev. C | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com