Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8231ACPZ-R7
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8231ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8231ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8231
Data Sheet
2000
1500
1000
500
0
–500
–40
–20
0
20
3V
5V
40
60
80
100
120
TEMPERATURE (°C)
VREF = MIDSUPPLY
VCM = MIDSUPPLY
Figure 9. Instrumentation Amplifier Bias Current vs. Temperature
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VCM (V)
+VS = +2.5V
–VS = –2.5V
VREF = 0V
Figure 10. Instrumentation Amplifier Bias Current vs.
Common-Mode Voltage, 5 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–1.5
1.5
1.2
0.9
0.6
0.3
0
–0.3
–0.6
–0.9
–1.2
VCM (V)
+VS = +1.5V
–VS = –1.5V
VREF = 0V
Figure 11. Instrumentation Amplifier Bias Current vs.
Common-Mode Voltage, 3 V
6
0V, 4.96V
0V, 2.96V
0V, 0.04V
2.92V, 1.5V
4.92V, 2.5V
5V SINGLE SUPPLY
3V SINGLE SUPPLY
5
4
3
2
1
0
0
6
5
4
3
2
1
OUTPUT VOLTAGE (V)
Figure 12. Instrumentation Amplifier Input Common-Mode Range vs.
Output Voltage, All Gains, VREF = 0 V
6
5
4
3
2
1
0
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V)
5V SINGLE SUPPLY
3V SINGLE SUPPLY
0.02V, 2.22V
0.02V, 0.78V
1.5V, 4.96V
0.02V, 4.22V
4.98V, 3.22V
4.98V, 1.78V
1.5V, 2.96V
2.98V, 2.22V
2.98V, 0.78V
1.5V, 0.04V
Figure 13. Instrumentation Amplifier Input Common-Mode Range vs.
Output Voltage, All Gains, VREF = 1.5 V
6
5
4
3
2
1
0
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V)
5V SINGLE SUPPLY
3V SINGLE
SUPPLY
0.02V, 1.72V
2.5V, 4.96V
0.02V, 3.72V
4.98V, 3.72V
4.98V,1.28V
2.5V, 2.96V
2.98V, 2.72V
2.98V, 0.28V
2.5V, 0.04V
0.02V, 1.28V
Figure 14. Instrumentation Amplifier Input Common-Mode Range vs.
Output Voltage, All Gains, VREF = 2.5 V
Rev. C | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com