Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228ARZ-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8228ARZ-R71
Description  Low Gain Drift Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARZ-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8228ARZ-R71 Datasheet HTML 7Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 8Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 9Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 10Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 11Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 12Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 13Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 14Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8228
Rev. 0 | Page 10 of 24
80
60
40
20
0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
IOS @ 15V (nA)
MEAN: –0.097
SD: 0.07
Figure 9. Typical Distribution of Input Offset Current
5
4
3
2
1
0
–1
–2
–3
–4
–5
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±2.5V
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
VS = ±2.5 V, ±5 V; G =10
15
10
5
0
–5
–10
–15
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
VS = ±15V
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
VS = ±15 V, G = 10
5
4
3
2
1
0
–1
–2
–3
–4
–5
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±2.5V
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
VS = ±2.5 V, ±5 V; G = 100
15
10
5
0
–5
–10
–15
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
VS = ±15V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
VS = ±15 V, G = 100
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
+IN IBIAS, ±15V SUPPLIES
–IN IBIAS, ±15V SUPPLIES
+IN IBIAS, ±5V SUPPLIES
–IN IBIAS, ±5V SUPPLIES
Figure 14. Input Bias Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com