Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228ARZ-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8228ARZ-R71
Description  Low Gain Drift Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARZ-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8228ARZ-R71 Datasheet HTML 9Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 10Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 11Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 12Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 13Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 14Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 15Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 16Page - Analog Devices AD8228ARZ-R71 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8228
Rev. 0 | Page 12 of 24
140
120
100
80
60
40
0
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = 100
G = 10
Figure 21. CMRR vs. Frequency, RTI
140
120
100
80
60
40
0
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = 100
G = 10
Figure 22. CMRR vs. Frequency, RTI, 1 kΩ Source Imbalance
15
10
5
0
–5
–10
–15
20
–20
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 23. CMR vs. Temperature
+VS – 0
+VS – 0.4
+VS – 0.8
+VS – 1.2
+VS – 1.6
+VS – 2.0
–VS + 2.0
–VS + 1.6
–VS + 1.2
–VS + 0.8
–VS + 0.4
–VS + 0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 24. Input Voltage Limit vs. Supply Voltage
+VS – 0
+VS – 0.4
+VS – 0.8
+VS – 1.2
+VS – 1.6
+VS – 2.0
–VS + 2.0
–VS + 1.6
–VS + 1.2
–VS + 0.8
–VS + 0.4
–VS + 0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
RL = 10kΩ
RL = 2kΩ
RL = 10kΩ
RL = 2kΩ
Figure 25. Output Voltage Swing vs. Supply Voltage
30
25
20
15
10
5
0
1
10
100
1k
10k
LOAD RESISTANCE (Ω)
VS = ±15V
Figure 26. Output Voltage Swing vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com