Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223BRZ-R71 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8223BRZ-R71
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223BRZ-R71 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8223BRZ-R71 Datasheet HTML 12Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 13Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 14Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 15Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 16Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 17Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 18Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 19Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD8223
Rev. 0 | Page 15 of 20
REFERENCE TERMINAL
The output voltage of the AD8223 is developed with respect to
the potential on the reference terminal. This is useful when the
output signal needs to be offset to a precise midsupply level. For
example, a voltage source can be tied to the REF pin to level-
shift the output so that the AD8223 can drive a single-supply
ADC. The REF pin is protected with ESD diodes and should
not exceed either +VS or −VS by more than 0.3 V.
For best performance, keep the source impedance to the REF
terminal below 5 Ω. As shown in Figure 31, the reference
terminal, REF, is at one end of a 50 kΩ resistor. Additional
impedance at the REF terminal adds to this resistor and results
in poorer CMRR performance.
INCORRECT
AD8223
VREF
CORRECT
AD8223
OP2177
+
–
VREF
Figure 32. Driving the Reference Pin
INPUT PROTECTION
Internal supply referenced clamping diodes allow the input,
reference, output, and gain terminals of the AD8223 to safely
withstand overvoltages of 0.3 V above or below the supplies.
This is true for all gains, and for power-on and power-off. This
last case is particularly important because the signal source and
amplifier can be powered separately.
If the overvoltage is expected to exceed this value, limit the
current through these diodes to about 10 mA using external
current limiting resistors. This is shown in Figure 33. The size
of this resistor is defined by the supply voltage and the required
overvoltage protection.
10mA
1 = 10mA MAX
OUT
AD8223
+
–
VOVER – VS + 0.7V
+VS
–VS
RG
RLIM
RLIM
RLIM =
VOVER
VOVER
Figure 33. Input Protection
RF INTERFERENCE (RFI)
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
can appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass, R-C network placed at the input
of the instrumentation amplifier, as shown in Figure 34. The
filter limits the input signal bandwidth according to the follow-
ing relationship:
)
(2
2
1
C
D
Diff
C
C
R
FilterFreq
C
CM
RC
FilterFreq
2
1
where CD ≥ 10CC.
R
R
AD8223
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
R1
499Ω
CD
47nF
CC
1nF
CC
1nF
4.02kΩ
4.02kΩ
+
–
+
Figure 34. RFI Suppression
Figure 34 shows an example in which the differential filter fre-
quency is approximately 400 Hz, and the common-mode filter
frequency is approximately 40 kHz. The typical dc offset shift
over frequency is less than 1.5 μV, and the RF signal rejection
of the circuit is better than 71 dB.
The resistors were selected to be large enough to isolate the
circuit input from the capacitors but not large enough to
significantly increase the circuit noise. Choose values of R and
CC to minimize RFI. Mismatch between the R × CC at positive
input and the R × CC at negative input degrades the CMRR of
the AD8223. Because of their higher accuracy and stability,
COG/NPO type ceramic capacitors are recommended for the
CC capacitors. The dielectric for the CD capacitor is not as
critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com