Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223BRZ-R71 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8223BRZ-R71
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223BRZ-R71 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8223BRZ-R71 Datasheet HTML 13Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 14Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 15Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 16Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 17Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 18Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 19Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 20Page - Analog Devices AD8223BRZ-R71 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD8223
Rev. 0 | Page 18 of 20
Driving a Cable
All cables have a certain capacitance per unit length, which
varies widely with cable type. The capacitive load from the
cable may cause peaking in the output response of the AD8223.
To reduce the peaking, use a resistor between the AD8223 and
the cable. Because cable capacitance and desired output response
vary widely, this resistor is best determined empirically. A good
starting point is 75 Ω.
The AD8232 operates at a low enough frequency that transmission
line effects are rarely an issue; therefore, the resistor need not
match the characteristic impedance of the cable.
AD8223
(DIFF OUT)
AD8223
(SINGLE OUT)
Figure 40. Driving a Cable
A SINGLE-SUPPLY DATA ACQUISITION SYSTEM
Interfacing bipolar signals to single-supply analog-to-digital
converters (ADCs) presents a challenge. The bipolar signal
must be mapped into the input range of the ADC. Figure 41
shows how this translation can be achieved.
±10mV
5V
AD8223
REF
5V
AD7776
5V
+
–
AIN
REFOUT
REFIN
0.1µF
0.1µF
RG
1.02kΩ
Figure 41. A Single-Supply Data Acquisition System
The bridge circuit is excited by a +5 V supply. The full-scale output
voltage from the bridge (±10 mV), therefore, has a common-
mode level of 2.5 V. The AD8223 removes the common-mode
component and amplifies the input signal by a factor of 100
(RG = 1.02 kΩ). This results in an output signal of ±1 V. To
prevent this signal from running into the AD8223 ground rail, the
voltage on the REF pin must be raised to at least 1 V. In this
example, the 2 V reference voltage from the AD7776 ADC is
used to bias the AD8223 output voltage to 2 V ± 1 V, which
corresponds to the input range of the ADC.
AMPLIFYING SIGNALS WITH LOW COMMON-
MODE VOLTAGE
Because the common-mode input range of the AD8223 extends
0.15 V below ground, it is possible to measure small differential
signals that have low, or no, common-mode components. Figure 42
shows a thermocouple application in which one side of the J-type
thermocouple is grounded.
2V
5V
AD8223
REF
0.1µF
VOUT
RG
1.02kΩ
+
–
J-TYPE
THERMOCOUPLE
Figure 42. Amplifying Bipolar Signals with Low Common-Mode Voltage
Over a temperature range of −200°C to +200°C, the J-type
thermocouple delivers a voltage ranging from −7.890 mV
to +10.777 mV. A programmed gain on the AD8223 of 100
(RG = 845) and a voltage on the AD8223 REF pin of 2 V results
in the AD8223 output voltage ranging from 1.110 V to 3.077 V
relative to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com