Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421BRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8421BRZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421BRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8421BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V, VREF = 0 V, RL = 2 kΩ, unless otherwise noted.
600
0
100
200
300
400
500
–60
–40
–20
20
40
06
INPUT OFFSET VOLTAGE (µV)
0
Figure 4. Typical Distribution of Input Offset Voltage
1800
0
300
600
900
1200
1500
–2.0
–1.5
1.5
1.0
–1.0
–0.5
0
0.5
2.0
INPUT BIAS CURRENT (nA)
Figure 5. Typical Distribution of Input Bias Current
1400
0
200
400
600
800
1200
1000
–20
–15
15
10
–10
–5
0
5
20
PSRR (µV/V)
Figure 6. Typical Distribution of PSRR (G = 1)
600
0
100
200
300
400
500
–400
–300
300
200
–200
–100
0
100
400
OUTPUT OFFSET VOLTAGE (µV)
Figure 7. Typical Distribution of Output Offset Voltage
800
1000
1200
600
0
200
400
–2.0
–1.5
–1.0
–0.5
0.5
1.0
1.5
02
INPUT OFFSET CURRENT (nA)
.0
Figure 8. Typical Distribution of Input Offset Current
600
800
1000
1200
1400
1600
0
200
400
–120
120
90
60
30
0
–30
–60
–90
CMRR (µV/V)
Figure 9. Typical Distribution of CMRR (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com