Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421BRZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8421BRZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421BRZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8421BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 21Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 22Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 23Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 24Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 25Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
AD8421
Rev. 0 | Page 21 of 28
REFERENCE TERMINAL
The output voltage of the AD8421 is developed with respect to
the potential on the reference terminal. This can be used to sense
the ground at the load, thereby taking advantage of the CMRR to
reject ground noise or to introduce a precise offset to the signal
at the output. For example, a voltage source can be tied to the REF
pin to level shift the output, allowing the AD8421 to drive a single-
supply ADC. The REF pin is protected with ESD diodes and
should not exceed either +VS or −VS by more than 0.3 V.
For best performance, maintain a source impedance to the
REF terminal that is below 1 Ω. As shown in Figure 61, the
reference terminal, REF, is at one end of a 10 kΩ resistor.
Additional impedance at the REF terminal adds to this 10 kΩ
resistor and results in amplification of the signal connected to
the positive input. The amplification from the additional RREF
can be calculated as follows:
2(10 kΩ + RREF)/(20 kΩ + RREF)
Only the positive signal path is amplified; the negative path is
unaffected. This uneven amplification degrades CMRR.
INCORRECT
V
CORRECT
AD8421
OP1177
+
–
V
REF
AD8421
REF
Figure 62. Driving the Reference Pin
INPUT VOLTAGE RANGE
The 3-op-amp architecture of the AD8421 applies gain in the
first stage before removing the common-mode voltage in the
difference amplifier stage. Internal nodes between the first and
second stages (Node 1 and Node 2 in Figure 61) experience
a combination of a gained signal, a common-mode signal, and
a diode drop. The voltage supplies can limit the combined signal,
even when the individual input and output signals are not limited.
Figure 10 through Figure 13 show this limitation in detail.
LAYOUT
To ensure optimum performance of the AD8421 at the PCB level,
care must be taken in the design of the board layout. The pins of
the AD8421 are arranged in a logical manner to aid in this task.
8
7
6
5
1
2
3
4
–IN
RG
RG
+VS
VOUT
REF
–VS
+IN
TOP VIEW
(Not to Scale)
AD8421
Figure 63. Pin Configuration Diagram
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to
be converted to differential signals before reaching the in-amp.
Such conversions occur when one input path has a frequency
response that is different from the other. To maintain high CMRR
over frequency, closely match the input source impedance and
capacitance of each path. Place additional source resistance in
the input path (for example, input protection resistors) close to
the in-amp inputs, to minimize the interaction of the resistance
with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins (RG) can also affect
CMRR over frequency. If the board design has a component at
the gain setting pins (for example, a switch or jumper), choose
a component such that the parasitic capacitance is as small as
possible.
Power Supplies and Grounding
Use a stable dc voltage to power the instrumentation amplifier.
Noise on the supply pins can adversely affect performance.
Place a 0.1 μF capacitor as close as possible to each supply pin.
Because the length of the bypass capacitor leads is critical at
high frequency, surface-mount capacitors are recommended.
Any parasitic inductance in the bypass ground trace works against
the low impedance that is created by the bypass capacitor. As
shown in Figure 64, a 10 μF capacitor can be used farther away
from the device. For these larger value capacitors, which are
intended to be effective at lower frequencies, the current return
path distance is less critical. In most cases, the 10 μF capacitor
can be shared by other local precision integrated circuits.
AD8421
+VS
+IN
–IN
LOAD
RG
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 64. Supply Decoupling, REF, and Output Referred to Local Ground
A ground plane layer helps to reduce parasitic inductances, which
minimizes voltage drops with changes in current. The area of
the current path is directly proportional to the magnitude of
parasitic inductances and, therefore, the impedance of the path
at high frequency. Large changes in currents in an inductive
decoupling path or ground return create unwanted effects due
to the coupling of such changes into the amplifier inputs.
Because load currents flow from the supplies, the load should be
connected at the same physical location as the bypass capacitor
grounds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com