Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8421ARMZ
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8421ARMZ Datasheet HTML 9Page - Analog Devices AD8421ARMZ Datasheet HTML 10Page - Analog Devices AD8421ARMZ Datasheet HTML 11Page - Analog Devices AD8421ARMZ Datasheet HTML 12Page - Analog Devices AD8421ARMZ Datasheet HTML 13Page - Analog Devices AD8421ARMZ Datasheet HTML 14Page - Analog Devices AD8421ARMZ Datasheet HTML 15Page - Analog Devices AD8421ARMZ Datasheet HTML 16Page - Analog Devices AD8421ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 12 of 28
40
–40
–35
40
INPUT VOLTAGE (V)
–30
–20
–10
0
10
20
30
–30 –25 –20 –15 –10 –5
0
5
101520253035
VS = 5V
G = 100
Figure 16. Input Overvoltage Performance; +VS = 5 V, −VS = 0 V, G = 100
30
–30
–25
25
INPUT VOLTAGE (V)
–20
–10
0
10
20
–20
–15
–10
–5
0
5
10
15
20
VS = ±15V
G = 100
Figure 17. Input Overvoltage Performance; VS = ±15 V, G = 100
2.5
–2.5
–12
14
COMMON-MODE VOLTAGE (V)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–10 –8
–6
–4
–2
0246
8
10
12
Figure 18. Input Bias Current vs. Common-Mode Voltage
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 100
GAIN = 10
GAIN = 1
GAIN = 1000
Figure 19. Positive PSRR vs. Frequency
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 100
GAIN = 10
GAIN = 1
GAIN = 1000
Figure 20. Negative PSRR vs. Frequency
70
–30
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–20
–10
0
10
20
30
40
50
60
GAIN = 100
GAIN = 10
GAIN = 1
GAIN = 1000
Figure 21. Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com