Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8421ARMZ
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8421ARMZ Datasheet HTML 17Page - Analog Devices AD8421ARMZ Datasheet HTML 18Page - Analog Devices AD8421ARMZ Datasheet HTML 19Page - Analog Devices AD8421ARMZ Datasheet HTML 20Page - Analog Devices AD8421ARMZ Datasheet HTML 21Page - Analog Devices AD8421ARMZ Datasheet HTML 22Page - Analog Devices AD8421ARMZ Datasheet HTML 23Page - Analog Devices AD8421ARMZ Datasheet HTML 24Page - Analog Devices AD8421ARMZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 20 of 28
THEORY OF OPERATION
A3
A1
A2
Q2
Q1
C1
C2
+IN
–IN
+VS
–VS
10kΩ
10kΩ
10kΩ
+VS
–VS
OUTPUT
REF
NODE 1
NODE 2
IB
COMPENSATION
IB
COMPENSATION
RG
VB
II
+VS
+VS
+VS
10kΩ
R1
4.95kΩ
R2
4.95kΩ
DIFFERENCE
AMPLIFIER STAGE
GAIN STAGE
I
I
ESD AND
OVERVOLTAGE
PROTECTION
ESD AND
OVERVOLTAGE
PROTECTION
superβ
NODE 3
NODE 4
superβ
–VS
Figure 61. Simplified Schematic
ARCHITECTURE
The AD8421 is based on the classic 3-op-amp topology. This
topology has two stages: a preamplifier to provide differential
amplification, followed by a difference amplifier that removes the
common-mode voltage. Figure 61 shows a simplified schematic
of the AD8421.
Topologically, Q1, A1, R1 and Q2, A2, R2 can be viewed as
precision current feedback amplifiers. Input Transistors Q1 and
Q2 are biased at a fixed current so that any input signal forces
the output voltages of A1 and A2 to change accordingly. The
differential signal applied to the inputs is replicated across the
RG pins. Any current through RG also flows through R1 and R2,
creating a gained differential voltage between Node 1 and Node 2.
The amplified differential and common-mode signals are applied
to a difference amplifier that rejects the common-mode voltage
but preserves the amplified differential voltage. The difference
amplifier employs innovations that result in very low output errors
such as offset voltage and drift, distortion at various loads, as well
as output noise. Laser-trimmed resistors allow for a highly accurate
in-amp with gain error less than 0.01% and CMRR that exceeds
94 dB (G = 1). The high performance pinout and special attention
given to design and layout allow for high CMRR performance
across a wide frequency and temperature range.
Using superbeta input transistors and bias current compensation,
the AD8421 offers extremely high input impedance, low bias cur-
rent, low offset current, low current noise, and extremely low
voltage noise of 3 nV/√Hz. The current-limiting and overvoltage
protection scheme allow the input to go 40 V from the opposite
rail at all gains without compromising the noise performance.
The transfer function of the AD8421 is
VOUT = G × (V+IN − V−IN) + VREF
where G = 1 +
G
R
kΩ
9
.
9
Users can easily and accurately set the gain using a single
standard resistor.
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8421. The gain can be calculated by referring to Table 6 or
by using the following gain equation:
RG =
1
kΩ
9
.
9
−
G
The AD8421 defaults to G = 1 when no gain resistor is used. To
determine the total gain accuracy of the system, add the tolerance
and gain drift of the RG resistor to the specifications of the AD8421.
When the gain resistor is not used, gain error and gain drift are
minimal.
Table 6. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG
Calculated Gain
10 kΩ
1.99
2.49 kΩ
4.98
1.1 kΩ
10.00
523 Ω
19.93
200 Ω
50.50
100 Ω
100.0
49.9 Ω
199.4
20 Ω
496.0
10 Ω
991.0
4.99 Ω
1985
RG Power Dissipation
The AD8421 duplicates the differential voltage across its inputs
onto the RG resistor. Choose an RG resistor size that is sufficient
to handle the expected power dissipation at ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com