Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8429BRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8429BRZ-R7
Description  1 nV/?숰z Low Noise Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429BRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8429BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 15Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD8429
Rev. 0 | Page 11 of 20
15
10
5
0
–5
–10
–15
100
100k
10k
1k
LOAD (Ω)
–40°C
+25°C
+85°C
+125°C
VS = ±15V
Figure 22. Output Voltage Swing vs. Load Resistance
10µ
10m
1m
100µ
OUTPUT CURRENT (A)
VS = ±15V
+VS
–VS
+0.4
+0.8
+1.2
+1.6
+2.0
–0.4
–0.8
–1.2
–1.6
–40°C
+25°C
+85°C
+125°C
Figure 23. Output Voltage Swing vs. Output Current
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1
–10
–8
–6
–4
–2
0246
8
10
Figure 24. Gain Nonlinearity (G = 1), RL = 10 kΩ
–10
–10
–8
–6
–4
–2
0246
8
10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
GAIN = 1000
Figure 25. Gain Nonlinearity (G = 1000), RL = 10 kΩ
1000
100
10
1
0.1
FREQUENCY (Hz)
1
10
100
1k
10k
100k
G = 1
G = 10
G = 100
G = 1k
Figure 26. RTI Voltage Noise Spectral Density vs. Frequency
1s/DIV
GAIN = 1000, 100nV/DIV
GAIN = 1, 2μV/DIV
Figure 27. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1, G = 1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com