Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8429BRZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8429BRZ-R7
Description  1 nV/?숰z Low Noise Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429BRZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8429BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 15Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 16Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 17Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD8429
Rev. 0 | Page 18 of 20
R
R
AD8429
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
RG
CD
10nF
CC
1nF
CC
1nF
4.02kΩ
4.02kΩ
Figure 53. RFI Suppression
The filter limits the input signal bandwidth, according to the
following relationship:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
+
=
C
CM
RC
uency
FilterFreq
π
2
1
=
where CD ≥ 10 CC.
CD affects the difference signal, and CC affects the common-mode
signal. Choose values of R and CC that minimize RFI. A mismatch
between R × CC at the positive input and R × CC at the negative
input degrades the CMRR of the AD8429. By using a value of
CD that is one magnitude larger than CC, the effect of the
mismatch is reduced, and performance is improved.
Resistors add noise; therefore, the choice of resistor and capacitor
values depends on the desired tradeoff between noise, input
impedance at high frequencies, and RFI immunity. The resistors
used for the RFI filter can be the same as those used for input
protection.
CALCULATING THE NOISE OF THE INPUT STAGE
R2
RG
R1
SENSOR
AD8429
Figure 54. Source Resistance from Sensor and Protection Resistors
The total noise of the amplifier front end depends on much
more than the 1 nV/√Hz specification of this data sheet. There
are three main contributors: the source resistance, the voltage
noise of the instrumentation amplifier, and the current noise of
the instrumentation amplifier.
In the following calculations, noise is referred to the input
(RTI). In other words, everything is calculated as if it appeared
at the amplifier input. To calculate the noise referred to the
amplifier output (RTO), simply multiply the RTI noise by the
gain of the instrumentation amplifier.
Source Resistance Noise
Any sensor connected to the AD8429 has some output resistance.
There may also be resistance placed in series with inputs for pro-
tection from either overvoltage or radio frequency interference.
This combined resistance is labeled R1 and R2 in Figure 54. Any
resistor, no matter how well made, has an intrinsic level of noise.
This noise is proportional to the square root of the resistor value.
At room temperature, the value is approximately equal to
4 nV/√Hz × √(resistor value in kΩ).
For example, assuming that the combined sensor and protec-
tion resistance on the positive input is 4 kΩ, and on the negative
input is 1 kΩ, the total noise from the input resistance is
(
) (
)
=
+
=
×
+
×
16
64
1
4
4
4
2
2
8.9 nV/√Hz
Voltage Noise of the Instrumentation Amplifier
The voltage noise of the instrumentation amplifier is calculated
using three parameters: the device input noise, output noise,
and the RG resistor noise. It is calculated as follows:
Total Voltage Noise =
(
) (
)(
)2
2
2
/
Resistor
R
of
Noise
Noise
Input
G
Noise
Output
G
+
+
For example, for a gain of 100, the gain resistor is 60.4 Ω. There-
fore, the voltage noise of the in-amp is
()
(
)2
2
2
0604
.
0
4
1
100
/
45
×
+
+
= 1.5 nV/√Hz
Current Noise of the Instrumentation Amplifier
Current noise is calculated by multiplying the source resistance
by the current noise.
For example, if the R1 source resistance in Figure 54 is 4 kΩ,
and the R2 source resistance is 1 kΩ, the total effect from the
current noise is calculated as follows:
()
(
)
(
)2
2
5
.
1
1
5
.
1
4
×
+
×
= 6.2 nV/√Hz
Total Noise Density Calculation
To determine the total noise of the in-amp, referred to input,
combine the source resistance noise, voltage noise, and current
noise contribution by the sum of squares method.
For example, if the R1 source resistance in Figure 54 is 4 kΩ, the
R2 source resistance is 1 kΩ, and the gain of the in-amps is 100,
the total noise, referred to input, is
2
2
2
2
.
6
5
.
1
9
.
8
+
+
= 11.0 nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com