Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8476ACPZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8476ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INN
1
+VS 2
VOCM
3
+OUT
4
INP
8
–VS
7
NC
6
–OUT
5
AD8476
TOP VIEW
(Not to Scale)
NOTES
1. PINS LABELED NC CAN BE ALLOWED
TO FLOAT, BUT IT IS BETTER TO CONNECT
THESE PINS TO GROUND. AVOID ROUTING
HIGH SPEED SIGNALS THROUGH THESE
PINS BECAUSE NOISE COUPLING MAY RESULT.
Figure 3. 8-Lead MSOP Pin Configuration
Table 4. 8-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INN
Negative Input .
2
+VS
Positive Supply.
3
VOCM
Output Common-Mode Adjust.
4
+OUT
Noninverting Output.
5
−OUT
Inverting Output.
6
NC
This pin is not connected internally (see Figure 3).
7
−VS
Negative Supply.
8
INP
Positive Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com