Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8476ACPZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8476ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8476ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD8476
Rev. B | Page 11 of 24
5
–25
–20
–15
–10
–5
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOCM = 1.0V
VOCM = 2.5V
VOCM = 4.0V
Figure 23. Small Signal Frequency Response for Various VOCM Levels
5
–30
–25
–20
–15
–10
–5
0
1k
100k
10k
1M
10M
VOCM INPUT FREQUENCY (Hz)
POSITIVE OUTPUT (2kΩ LOAD)
VS = 5V
NEGATIVE OUTPUT (2kΩ LOAD)
Figure 24. VOCM Small Signal Frequency Response
500ns/DIV
VS = ±5V
VS = +5V
VS = +3V
Figure 25. Small Signal Pulse Response for Various Supplies
5
–35
–20
–25
–30
–15
–10
–5
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CL = 5pF
CL = 10pF
CL = 15pF
Figure 26. Large Signal Frequency Response for Various VOCM Level
5
–30
–25
–20
–15
–10
–5
0
1k
100k
10k
1M
VOCM INPUT FREQUENCY (Hz)
POSITIVE OUTPUT
NEGATIVE OUTPUT
Figure 27. VOCM Large Signal Frequency Response
500ns/DIV
VS = ±5V
VS = +5V
VS = +3V
Figure 28. Large Signal Pulse Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com