Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR3000 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # DR3000
Description  916.50 MHz Transceiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR3000 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  DR3000 Datasheet HTML 1Page - RF Monolithics, Inc DR3000 Datasheet HTML 2Page - RF Monolithics, Inc DR3000 Datasheet HTML 3Page - RF Monolithics, Inc DR3000 Datasheet HTML 4Page - RF Monolithics, Inc DR3000 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR3000-060404
Electrical Characteristics, 2.4 kbps On-Off Keyed
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
916.30
916.70
MHz
Modulation Type
OOK
Data Rate
2.4
kbps
Receiver Performance (OOK @ 2.4 kbps)
Input Current, 3 Vdc Supply
IR
3.1
mA
Input Signal for 10-3 BER, 25 °C
-100
dBm
Rejection, ±30 MHz
RREJ
55
dB
Transmitter Performance (OOK @ 2.4 kbps)
Peak Input Current, 3 Vdc Supply
ITP
12
mA
Peak Output Power
PO
0.75
mW
Turn On/Turn Off Time
tON/tOFF
12/6
µs
Sleep to Receive Switch Time (100 ms sleep, -85 dBm signal)
tSR
200
µs
Sleep Mode Current
IS
0.7
µA
Transmit to Receive Switch Time (100 ms transmit, -85 dBm signal)
tTOR
200
µs
Receive to Transmit Switch Time
tRTO
12
µs
Power Supply Voltage Range
Vcc
2.7
3.5
Vdc
Operating Ambient Temperature
TA
-40
+85
°C
•
Designed for Short-Range Wireless Data Communications
•
Supports 2.4-19.2 kbps Encoded Data Transmissions
•
3 V, Low Current Operation plus Sleep Mode
•
Ready to Use OEM Module
The DR3000 transceiver module is ideal for short-range wireless data applications where robust operation,
small size and low power consumption are required. The DR3000 utilizes RFM’s TR1000 amplifier-
sequenced hybrid (ASH) architecture to achieve this unique blend of characteristics. The receiver section of
the TR1000 is sensitive and stable. A wide dynamic range log detector provides robust performance in the
presence of on-channel interference or noise. Two stages of SAW filtering provide excellent receiver out-of-
band rejection. The transmitter includes provisions for both on-off keyed (OOK) and amplitude-shift keyed
(ASK) modulation. The transmitter employs SAW filtering to suppress output harmonics, facilitating compli-
ance with FCC 15.249 and similar regulations. The DR3000 includes the TR1000 plus all configuration com-
ponents in a ready-to-use PCB assembly, excellent for prototyping and intermediate volume production runs.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds)
230
°C
916.50 MHz
Transceiver
Module
DR3000


Similar Part No. - DR3000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR3000 MURATA-DR3000 Datasheet
294Kb / 5P
916.50 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3000-1 MURATA-DR3000-1 Datasheet
267Kb / 5P
916.50 MHz Transceiver Module
More results

Similar Description - DR3000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DM1800-916MB RFM-DM1800-916MB Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
DM1800-916MR RFM-DM1800-916MR Datasheet
73Kb / 4P
916.50 MHz Transceiver Module
DR3000-1 RFM-DR3000-1 Datasheet
65Kb / 5P
916.50 MHz Transceiver Module
DR3300 RFM-DR3300 Datasheet
66Kb / 5P
916.50 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR3000 MURATA-DR3000 Datasheet
294Kb / 5P
916.50 MHz Transceiver Module
DR3000-1 MURATA-DR3000-1 Datasheet
267Kb / 5P
916.50 MHz Transceiver Module
DR3300 MURATA-DR3300 Datasheet
292Kb / 5P
916.50 MHz Transceiver Module
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
916.50 MHz Transceiver Module
DR8000 MURATA-DR8000 Datasheet
412Kb / 7P
916.50 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com