Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR3000 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # DR3000
Description  916.50 MHz Transceiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR3000 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  DR3000 Datasheet HTML 1Page - RF Monolithics, Inc DR3000 Datasheet HTML 2Page - RF Monolithics, Inc DR3000 Datasheet HTML 3Page - RF Monolithics, Inc DR3000 Datasheet HTML 4Page - RF Monolithics, Inc DR3000 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
916.50 MHz
Transceiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR3000-060404
.70
.25
.20
.165
.70
.10
DR3000 Outline Drawing
Dimensions in inches
DR3000 Pin Out
RF
GND
RFIO
AGC/VCC
PK DET
TX IN
RX BBO
RX DATA
CTR0
CTR1
GND
VCC
LPF ADJ
1
2
3
4
5
8
9
10
11
12
13
14
6
7
GND
GND
R3
R4
R8
R1
R2
R6
R5
C3
L2
C1
L1
C4
C5
+
ASH Transceiver
20
1
11
10
CTR0 (12)
CTR1 (11)
VCC (9)
LPF ADJ (8)
GND (6, 7, 10)
RFIO
(13)
RF GND
(14)
AGC/VCC
(1)
PK DET
(2)
RX BBO
(3)
RX DATA
(4)
TX IN
(5)
DR3000 Schematic
C6
L3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com