Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8476ARMZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8476ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 16
Theory of Operation ...................................................................... 17
Overview ..................................................................................... 17
Circuit Information.................................................................... 17
DC Precision............................................................................... 17
Input Voltage Range................................................................... 18
Driving the AD8476................................................................... 18
Power Supplies............................................................................ 18
Applications Information .............................................................. 19
Typical Configuration................................................................ 19
Single-Ended-to-Differential Conversion............................... 19
Setting the Output Common-Mode Voltage.......................... 19
Low Power ADC Driving.......................................................... 20
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 22
REVISION HISTORY
5/12—Rev. A to Rev. B
Added LFCSP Throughout.............................................................. 1
Added Harmonic Distortion Values to Features Section and
Changed Bandwidth from 5 MHz to 6 MHz................................ 1
Changed −3 dB Small Signal Bandwidth from 5 MHz to 6 MHz,
Changed HD2 from −120 dB to −126 dB, and Changed HD3
from −122 dB to −128 dB, Table 1.................................................. 3
Changes to Figure 17 and Figure 19............................................. 10
Changes to Figure 25...................................................................... 11
Changes to Figure 30...................................................................... 12
Added Low Power ADC Driving Section ................................... 20
Updated Outline Dimensions....................................................... 21
Changes to Ordering Guide .......................................................... 22
11/11—Rev. 0 to Rev. A
Changes to Table 1............................................................................ 3
Changes to Typical Performance Characteristics......................... 7
Added Figure 39; Renumbered Sequentially .............................. 13
Added Table 5.................................................................................. 18
Removed Low Power ADC Driving Section............................... 19
Removed Figure 52......................................................................... 19
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com