Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8476ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8476ARMZ-R7
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8476ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8476ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Power, Unity Gain, Fully
Differential Amplifier and ADC Driver
Data Sheet
AD8476
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Very low power
330 μA supply current
Extremely low harmonic distortion
−126 HD2 at 10 kHz
−128 HD3 at 10 kHz
Fully differential or single-ended inputs/outputs
Differential output designed to drive precision ADCs
Drives switched capacitor and Σ-Δ ADCs
Rail-to-rail outputs
VOCM pin adjusts output common mode
Robust overvoltage up to 18 V beyond supplies
High performance
Suitable for driving 16-bit converter up to 250 kSPS
39 nV/√Hz output noise
1 ppm/°C gain drift maximum
200 μV maximum output offset
10 V/μs slew rate
6 MHz bandwidth
Single supply: 3 V to 18 V
Dual supplies: ±1.5 V to ±9 V
APPLICATIONS
ADC driver
Differential instrumentation amplifier building block
Single-ended-to-differential converter
Battery-powered instruments
FUNCTIONAL BLOCK DIAGRAM
10kΩ
10kΩ
10kΩ
10kΩ
NOTES
1. NC = NO CONNECT.
DO NOT CONNECT TO THIS PIN.
AD8476
Figure 1. 8-Lead MSOP
12
11
10
1
3
4
NC
–OUT
+OUT
9
VOCM
INP
INN
2
INP
INN
10kΩ
10kΩ
10kΩ
10kΩ
AD8476
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 2. 16-Lead LFCSP
GENERAL DESCRIPTION
The AD8476 is a very low power, fully differential precision
amplifier with integrated gain resistors for unity gain. It is an ideal
choice for driving low power, high performance ADCs as a
single-ended-to-differential or differential-to-differential
amplifier. It provides a precision gain of 1, common-mode level
shifting, low temperature drift, and rail-to-rail outputs for
maximum dynamic range.
The AD8476 also provides overvoltage protection from large
industrial input voltages up to ±23 V while operating on a dual 5 V
supply. Power dissipation on a single 5 V supply is only 1.5 mW.
The AD8476 works well with SAR, Σ-Δ, and pipeline converters.
The high current output stage of the part allows it to drive the
switched capacitor front-end circuits of many ADCs with
minimal error.
Unlike many differential drivers on the market, the AD8476 is
a high precision amplifier. With 200 µV maximum output
offset, 39 nV/√Hz noise, and −102 dB THD + N at 10 kHz, the
AD8476 pairs well with low power, high accuracy converters.
Considering its low power consumption and high precision, the
slew-enhanced AD8476 has excellent speed, settling to 16-bit
precision for 250 kSPS acquisition times.
The AD8476 is available in space-saving 16-lead, 3 mm × 3 mm
LFCSP and 8-lead MSOP packages. It is fully specified over the
−40°C to +125°C temperature range.


Similar Part No. - AD8476ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8476ARMZ-R7 AD-AD8476ARMZ-R7 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
More results

Similar Description - AD8476ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
Analog Devices
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
INA105 TI1-INA105 Datasheet
716Kb / 17P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
Fully Differential, 10 GHz ADC Driver with 10 dB Gain
12/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com