Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC772LC4
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC772LC4 Datasheet(HTML) 1 Page - Analog Devices

  HMC772LC4 Datasheet HTML 1Page - Analog Devices HMC772LC4 Datasheet HTML 2Page - Analog Devices HMC772LC4 Datasheet HTML 3Page - Analog Devices HMC772LC4 Datasheet HTML 4Page - Analog Devices HMC772LC4 Datasheet HTML 5Page - Analog Devices HMC772LC4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC772LC4
v02.0514
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 2 - 12 GHz
General Description
Features
Functional Diagram
Noise Figure: 1.8 dB
Gain: 15 dB
Output IP3: +25 dBm
P1dB Output Power: +13 dBm
50 Ohm Matched Input/Output
Supply Voltage: +4V @ 45 mA
24 Lead Ceramic 4x4mm SMT Package: 16mm²
Electrical Specifications
, T
A = +25° C, Vdd= +4V, Idd = 45 mA*
Typical Applications
This HMC772LC4 is ideal for:
• Wideband Communication Systems
• Surveillance Systems
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space
• Test Instrumentation
The HMC772LC4 is a GaAs MMIC HEMT Low Noise
Wideband Amplifier which operates between 2 and
12 GHz. The amplifier provides 15 dB of gain, 1.8 dB
noise figure up to 12 GHz and output IP3 of +25 dBm,
while requiring only 45 mA from a +4V supply voltage.
The Psat output power of up to +15 dBm enables the
LNA to function as a LO driver for many of HIttite’s
balanced, I/Q or image reject mixers. The HMC772LC4
also features I/Os that are DC blocked and internally
matched to 50 Ohms, making it ideal for SMT based
high capacity microwave radio applications. The
HMC772LC4 is housed in a RoHS compliant 4x4 mm
QFN leadless ceramic package.
Parameter
Min.
Typ.
Max.
Units
Frequency Range
2 - 12
GHz
Gain
14
15
dB
Gain Variation over Temperature
0.01
dB / °C
Noise Figure
1.8
2.5
dB
Input Return Loss
15
dB
Output Return Loss
15
dB
Output Power for 1 dB Compression
13
dBm
Output Third Order Intercept (IP3)
25
dBm
Supply Current (Idd) (Vdd = 4V, Vgg = -0.2V Typ.)*
45
mA
* Adjust Vgg between -1 to 0.3V to achieve Idd = 45mA typical.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC772LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC772LC4 HITTITE-HMC772LC4 Datasheet
235Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC772LC4 HITTITE-HMC772LC4 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC772LC4 HITTITE-HMC772LC4 Datasheet
936Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC772LC4 HITTITE-HMC772LC4_10 Datasheet
936Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
More results

Similar Description - HMC772LC4

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com