Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85116 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF85116
Description  Low power CMOS: maximum operating current 1.0 mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF85116 Datasheet HTML 9Page - NXP Semiconductors PCF85116 Datasheet HTML 10Page - NXP Semiconductors PCF85116 Datasheet HTML 11Page - NXP Semiconductors PCF85116 Datasheet HTML 12Page - NXP Semiconductors PCF85116 Datasheet HTML 13Page - NXP Semiconductors PCF85116 Datasheet HTML 14Page - NXP Semiconductors PCF85116 Datasheet HTML 15Page - NXP Semiconductors PCF85116 Datasheet HTML 16Page - NXP Semiconductors PCF85116 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Apr 02
13
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
12 WRITE CYCLE LIMITS
The Power-on-reset circuit resets the I2C-bus logic with a set-up time of
≤10 µs.Enabling the chip is achieved by
connecting the WP input to VSS.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
E/W cycle timing
tE/W
E/W cycle time
−−
10
ms
Endurance
NE/W
E/W cycle per byte
Tamb = −40 to +85 °C
100000
−−
cycles
Tamb =22 °C
1000000
−−
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com