Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85116 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85116
Description  Low power CMOS: maximum operating current 1.0 mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85116 Datasheet HTML 1Page - NXP Semiconductors PCF85116 Datasheet HTML 2Page - NXP Semiconductors PCF85116 Datasheet HTML 3Page - NXP Semiconductors PCF85116 Datasheet HTML 4Page - NXP Semiconductors PCF85116 Datasheet HTML 5Page - NXP Semiconductors PCF85116 Datasheet HTML 6Page - NXP Semiconductors PCF85116 Datasheet HTML 7Page - NXP Semiconductors PCF85116 Datasheet HTML 8Page - NXP Semiconductors PCF85116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Apr 02
2
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
CONTENTS
1
FEATURES
2
DESCRIPTION
2.1
Remark
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
DEVICE SELECTION
6
BLOCK DIAGRAM
7
PINNING
8I2C-BUS PROTOCOL
8.1
Bus conditions
8.2
Data transfer
8.3
Device addressing
8.4
Write operations
8.4.1
Byte/word write
8.4.2
Page Write
8.4.3
Remark
8.5
Read operations
8.5.1
Remark
9
LIMITING VALUES
10
CHARACTERISTICS
11
I2C-BUS CHARACTERISTICS
12
WRITE CYCLE LIMITS
13
PACKAGE OUTLINES
14
SOLDERING
14.1
Introduction
14.2
DIP
14.2.1
Soldering by dipping or by wave
14.2.2
Repairing soldered joints
14.3
SO
14.3.1
Reflow soldering
14.3.2
Wave soldering
14.3.3
Repairing soldered joints
15
DEFINITIONS
16
LIFE SUPPORT APPLICATIONS
17
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com