Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4932-1YCPZ-R2
Description  Low Power, Differential ADC Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4932-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4932-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Low Power,
Differential ADC Driver
Data Sheet
ADA4932-1/ADA4932-2
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance at low power
High speed
−3 dB bandwidth of 560 MHz, G = 1
0.1 dB gain flatness to 300 MHz
Slew rate: 2800 V/μs, 25% to 75%
Fast 0.1% settling time of 9 ns
Low power: 9.6 mA per amplifier
Low harmonic distortion
100 dB SFDR at 10 MHz
90 dB SFDR at 20 MHz
Low input voltage noise: 3.6 nV/√Hz
±0.5 mV typical input offset voltage
Externally adjustable gain
Can be used with gains less than 1
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Input common-mode range shifted down by 1 VBE
Wide supply range: +3 V to ±5 V
Available in 16-lead and 24-lead LFCSP packages
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
FUNCTIONAL BLOCK DIAGRAM
–FB
+IN
–IN
+FB
–OUT
PD
+OUT
VOCM
12
11
10
1
3
49
2
ADA4932-1
Figure 1. ADA4932-1
2
1
3
4
5
6
18
17
16
15
14
13
+IN2
–FB2
+VS1
+VS1
+FB1
–IN1
–OUT2
PD2
–VS2
–VS2
VOCM1
+OUT1
ADA4932-2
Figure 2. ADA4932-2
GENERAL DESCRIPTION
The ADA4932-1/ADA4932-2 are the next generation AD8132
with higher performance and lower noise and power consumption.
They are an ideal choice for driving high performance ADCs as
a single-ended-to-differential or differential-to-differential
amplifier. The output common-mode voltage is user adjustable
by means of an internal common-mode feedback loop, allowing
the ADA4932-1/ADA4932-2 output to match the input of the
ADC. The internal feedback loop also provides exceptional
output balance as well as suppression of even-order harmonic
distortion products.
With the ADA4932-1/ADA4932-2, differential gain configurations
are easily realized with a simple external four-resistor feedback
network that determines the closed-loop gain of the amplifier.
The ADA4932-1/ADA4932-2 were fabricated using the
Analog Devices, Inc., proprietary silicon-germanium (SiGe)
complementary bipolar process, enabling it to achieve low levels
of distortion and noise at low power consumption.
The low offset and excellent dynamic performance of the
ADA4932-1/ADA4932-2 make them well suited for a wide
variety of data acquisition and signal processing applications.
The ADA4932-1 is available in a 16-lead LFCSP, and the
ADA4932-2 is available in a 24-lead LFCSP. The pinouts are
optimized to facilitate the printed circuit board (PCB) layout
and minimize distortion. The ADA4932-1/ADA4932-2 are
specified to operate over the −40°C to +105°C temperature
range; both operate on supplies between +3 V and ±5 V.


Similar Part No. - ADA4932-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-1YCPZ-R2 AD-ADA4932-1YCPZ-R2 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
ADA4932-1YCPZ-R2 AD-ADA4932-1YCPZ-R2 Datasheet
2Mb / 27P
Low Power, Differential ADC Driver
Rev. F
ADA4932-1YCPZ-R21 AD-ADA4932-1YCPZ-R21 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
More results

Similar Description - ADA4932-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com