Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-2YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4937-2YCPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-2YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4937-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 15 of 28
0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
1
2
3
4
5
6
7
8
9
10
TIME (ms)
OUTPUT
POWER-DOWN PULSE
Figure 43. PD Response vs. Time
FREQUENCY (MHz)
–140
–120
–130
–110
–100
–90
–80
–70
–40
–50
–60
1
0.3
10
100
1000
INPUT2, OUTPUT1
INPUT1, OUTPUT2
Figure 44. Crosstalk vs. Frequency for ADA4937-2
100
1
10
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 45. Voltage Spectral Noise Density, RTI
10
0.1
1
0.01
1k
100
10
1
0.1
FREQUENCY (MHz)
G = 1
Figure 46. Closed-Loop Output Impedance
2
1
–2
1.0
–1.0
–0.5
VIN
0
0.5
0.1
–0.1
–1
0
TIME (1ns/DIV)
SETTLING ERROR
Figure 47. 0.1% Settling Time
70
–20
50
–300
–250
–200
–150
–100
–50
0
–10
0
10
20
30
40
50
60
1
10G
1G
100M
10M
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
PHASE
GAIN
Figure 48. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com