Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4937-2YCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4937-2YCPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-2YCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4937-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4937-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 19 of 28
Similar to the case of a conventional operational amplifier, the
output noise voltage densities can be estimated by multiplying
the input-referred terms at +IN and −IN by the appropriate output
factor, where:

2
1
N
β
β
G
2
is the circuit noise gain.
G1
F1
G1
1
R
R
R
β
and
G2
F2
G2
2
R
R
R
β
are the feedback factors.
When RF1/RG1 = RF2/RG2, then β1 = β2 = β, and the noise gain
becomes
G
F
N
R
R
β
G
1
1
Note that the output noise from VOCM goes to zero in this case.
The total differential output noise density, vnOD, is the root-sum-
square of the individual output noise terms.
8
1
i
2
nOi
nOD
v
v
IMPACT OF MISMATCHES IN THE FEEDBACK
NETWORKS
As previously mentioned in the Setting the Closed-Loop Gain
section), even if the external feedback networks (RF/RG) are
mismatched, the internal common-mode feedback loop still
forces the outputs to remain balanced. The amplitudes of the
signals at each output remain equal and 180° out of phase. The
input-to-output differential mode gain varies proportionately to
the feedback mismatch, but the output balance is unaffected.
As well as causing a noise contribution from VOCM, ratio matching
errors in the external resistors result in a degradation of the
ability of the circuit to reject input common-mode signals, much
the same as for a four-resistor difference amplifier made from a
conventional operational amplifier.
In addition, if the dc levels of the input and output common-
mode voltages are different, matching errors result in a small
differential-mode output offset voltage. When G = 1, with a
ground referenced input signal and the output common-mode
level set to 2.5 V, an output offset of as much as 25 mV (1% of
the difference in common-mode levels) can result if 1% tolerance
resistors are used. Resistors of 1% tolerance result in a worst-
case input CMRR of approximately 40 dB, a worst-case
differential-mode output offset of 25 mV due to 2.5 V level
shift, and no significant degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE FOR AN
APPLICATION CIRCUIT
The effective input impedance of a circuit depends on whether
the amplifier is being driven by a single-ended or differential
signal source. For balanced differential input signals, as shown
in Figure 54, the input impedance (RIN, dm) between the inputs
(+DIN and −DIN) is simply RIN, dm = 2 × RG.
+VS
ADA4937
+IN
–IN
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
Figure 54. ADA4937-1/ADA4937-2 Configured for Balanced (Differential) Inputs
For an unbalanced, single-ended input signal (see Figure 55),
the input impedance is
 

F
G
F
G
cm
IN
R
R
R
R
R
2
1
,
RT
RS
ADA4937
+VS
RF
RG
RS
RG
RF
VOCM
RT
VOUT, dm
Figure 55. ADA4937-1/ADA4937-2 Configured for Unbalanced
(Single-Ended) Input
The input impedance of the circuit is effectively higher than it is
for a conventional operational amplifier connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the Input Gain Resistor RG.
Terminating a Single-Ended Input
This section explains how to properly terminate a single-ended
input to the ADA4937-1/ADA4937-2. Using a simple example
with an input source of 2 V and a source resistor of 50 Ω, four
simple steps must be followed.
1.
The input impedance must be calculated using the formula
Ω
267
)
200
200
(
2
200
1
200
)
(
2
1


F
G
F
G
IN
R
R
R
R
R
ADA4937
RL
VO
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
200Ω
RF
200Ω
VOCM
VS
2V
RIN
267Ω
Figure 56. Single-Ended Input Impedance RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com