Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-1YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4939-1YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-1YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4939-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Distortion,
Differential ADC Driver
Data Sheet
ADA4939-1/ADA4939-2
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Extremely low harmonic distortion
−102 dBc HD2 at 10 MHz
−83 dBc HD2 at 70 MHz
−77 dBc HD2 at 100 MHz
−101 dBc HD3 at 10 MHz
−97 dBc HD3 at 70 MHz
−91 dBc HD3 at 100 MHz
Low input voltage noise: 2.3 nV/√Hz
High speed
−3 dB bandwidth of 1.4 GHz, G = 2
Slew rate: 6800 V/μs, 25% to 75%
Fast overdrive recovery of <1 ns
±0.5 mV typical offset voltage
Externally adjustable gain
Stable for differential gains ≥2
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Single-supply operation: 3.3 V to 5 V
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
GENERAL DESCRIPTION
The ADA4939-1/ADA4939-2 are low noise, ultralow distortion,
high speed differential amplifiers. They are an ideal choice for
driving high performance ADCs with resolutions up to 16 bits
from dc to 100 MHz. The output common-mode voltage is user
adjustable by means of an internal common-mode feedback loop,
allowing the ADA4939-1/ADA4939-2 output to match the input
of the ADC. The internal feedback loop also provides exceptional
output balance as well as suppression of even-order harmonic
distortion products.
With the ADA4939-1/ADA4939-2, differential gain configurations
are easily realized with a simple external feedback network of four
resistors that determine the closed-loop gain of the amplifier.
The ADA4939-1/ADA4939-2 are fabricated using Analog Devices,
Inc., proprietary silicon-germanium (SiGe), complementary bipolar
process, enabling them to achieve very low levels of distortion with
an input voltage noise of only 2.3 nV/√Hz. The low dc offset and
excellent dynamic performance of the ADA4939-1/ADA4939-2
make them well suited for a wide variety of data acquisition and
signal processing applications.
FUNCTIONAL BLOCK DIAGRAMS
–FB
+IN
–IN
+FB
–OUT
PD
+OUT
VOCM
12
11
10
1
3
49
2
ADA4939-1
Figure 1. ADA4939-1
–IN1
+FB1
+VS1
+VS1
–FB2
+IN2
–VS2
–VS2
VOCM1
+OUT1
ADA4939-2
PD2
–OUT2
2
1
3
4
5
6
18
17
16
15
14
13
Figure 2. ADA4939-2
The ADA4939-1 (single) is available in a 3 mm × 3 mm, 16-lead
LFCSP, and the ADA4939-2 (dual) is available in a 4 mm × 4 mm,
24-lead LFCSP. The pinouts are optimized to facilitate printed
circuit board (PCB) layout and minimize distortion. The
ADA4939-1/ADA4939-2 are specified to operate over the
−40°C to +105°C temperature range; both operate on supplies
between 3.3 V and 5 V.
–60
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
1
10
100
FREQUENCY (MHz)
HD2
HD3
VOUT, dm = 2V p-p
Figure 3. Harmonic Distortion vs. Frequency


Similar Part No. - ADA4939-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4939-1YCPZ-R2 AD-ADA4939-1YCPZ-R2 Datasheet
628Kb / 24P
Ultralow Distortion Differential ADC Driver
REV. 0
ADA4939-1YCPZ-R2 AD-ADA4939-1YCPZ-R2 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
More results

Similar Description - ADA4939-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
Ultralow Distortion Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. B
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com